Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022I-HT Datasheet(PDF) 34 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 34 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 30Page - SMSC Corporation COM20022I-HT Datasheet HTML 31Page - SMSC Corporation COM20022I-HT Datasheet HTML 32Page - SMSC Corporation COM20022I-HT Datasheet HTML 33Page - SMSC Corporation COM20022I-HT Datasheet HTML 34Page - SMSC Corporation COM20022I-HT Datasheet HTML 35Page - SMSC Corporation COM20022I-HT Datasheet HTML 36Page - SMSC Corporation COM20022I-HT Datasheet HTML 37Page - SMSC Corporation COM20022I-HT Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 34
SMSC COM20022I
DATASHEET
6.2.5
Next ID Register
The Next ID Register is an 8-bit, read-only register, accessed when the sub-address bits are set up
accordingly (please refer to the Configuration Register and SUB ADR Register). The Next ID Register
holds the value of the Node ID to which the COM20022I will pass the token. When used in conjunction
with the Tentative ID Register, the Next ID Register can provide a complete network map. The Next ID
Register is updated each time a node enters/leaves the network or when a network reconfiguration occurs.
Each time the microsequencer updates the Next ID Register, a New Next ID interrupt is generated. This
bit is cleared by reading the Next ID Register. Default value is 0000 0000 upon hardware or software reset.
6.2.6
Status Register
The COM20022I Status Register is an 8-bit read-only register. All of the bits, except for bits 5 and 6, are
software compatible with previous SMSC ARCNET devices. In previous SMSC ARCNET devices the
Extended Timeout status was provided in bits 5 and 6 of the Status Register. In the COM20022I, the
COM20020, the COM90C66, and the COM90C165, COM20020-5, COM20051 and COM20051+ these
bits exist in and are controlled by the Configuration Register. The Status Register contents are defined as
in Table 6.3, but are defined differently during the Command Chaining operation. Please refer to the
Command Chaining section for the definition of the Status Register during Command Chaining operation.
The Status Register defaults to the value 1XX1 0001 upon either hardware or software reset.
6.2.7
Diagnostic Status Register
The Diagnostic Status Register contains seven read-only bits which help the user troubleshoot the network
or node operation. Various combinations of these bits and the TXEN bit of the Configuration Register
represent different situations. All of these bits, except the Excessive NAcK bit and the New Next ID bit, are
reset to logic "0" upon reading the Diagnostic Status Register or upon software or hardware reset. The
EXCNAK bit is reset by the "POR Clear Flags" command or upon software or hardware reset.
The
Diagnostic Status Register defaults to the value 0000 000X upon either hardware or software reset.
6.2.8
Command Register
Execution of commands are initiated by performing microcontroller writes to this register.
Any
combinations of written data other than those listed in Table 6.5 are not permitted and may result in
incorrect chip and/or network operation.
6.2.9
Address Pointer Registers
These read/write registers are each 8-bits wide and are used for addressing the internal RAM. New pointer
addresses should be written by first writing to the High Register and then writing to the Low Register
because writing to the Low Register loads the address. The contents of the Address Pointer High and Low
Registers are undefined upon hardware reset. Writing to Address Pointer low loads the address.
The DMAEN bit (new to the COM20022I) is located at bit 3 of the ADDRESS PTR HIGH register. The
DMAEN bit is used to Disable/Enable the assertion of the DMA Request (DREQ pin) after writing the
Address Pointer Low register. The SWAP bit (new to the COM20022I) is located at bit 0 of Address Pointer
Low register. The SWAP bit is used to swap the upper and lower data byte. When 16 bit access is enabled,
(W16=1), A0 becomes the SWAP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com