Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022I-HT Datasheet(PDF) 69 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 69 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 65Page - SMSC Corporation COM20022I-HT Datasheet HTML 66Page - SMSC Corporation COM20022I-HT Datasheet HTML 67Page - SMSC Corporation COM20022I-HT Datasheet HTML 68Page - SMSC Corporation COM20022I-HT Datasheet HTML 69Page - SMSC Corporation COM20022I-HT Datasheet HTML 70Page - SMSC Corporation COM20022I-HT Datasheet HTML 71Page - SMSC Corporation COM20022I-HT Datasheet HTML 72Page - SMSC Corporation COM20022I-HT Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 69
Revision 02-27-06
DATASHEET
Figure 8.11
- Non-Multiplexed Bus, 68XX-Like Control Signals; Write Cycle
A0-A2
VALID DATA
VALID
D0-D15
nCS
t8
t1
t9
t3
t10
t4
t2
Note 2
t5
DIR
t7
nDS
t11
t6
nIOCS16
VALID VALUE
t12
t13
t6**
Parameter
min
max
units
Address Setup to nDS Active
Address Hold from nDS Inactive
nCS Setup to nDS Active
nCS Hold from nDS Inactive
DIR Setup to nDS Active
Cycle Time (nDS
to Next Time
)**
DIR Hold from nDS Inactive
Valid Data Setup to nDS High
Data Hold from nDS High
nDS Low Width
nDS High Width
nIOCS16 Output Delay from nCS Low
nIOCS16 Hold Delay from nCS High
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
15
10
5
0
10
4TARB
*
10
30***
10
20
20
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
CASE 1: BUSTMG pin = HIGH
0*****
40****
The Microcontroller typically accesses the COM20022 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20022 cycles.
Note 1:
**Note 2: Any cycle occurring after a write to the Address Pointer Low Register
requires a minimum of 4TARB from the trailing edge of nDS to the leading edge
of the next nDS.
***: nCS may become active after control becomes active, but the data setup time will now
be 30 nS measured from the later of nCS falling or Valid Data available.
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. It depends on CKUP1 and CKUP0 bits
****: t12 is measured from the latest active (valid) timing among nCS, A0-A2.
t13 is measured from the earliest inactive (invalid) timing among nCS, A0-A2.
*****:
Write cycle for Address Pointer Low Registers occurring after an access to
Data Register requires a minimum of 5TARB from the trailing edge of nDS to
the leading edge of the next nDS.
Note 2 is applied to an access to Data Register by DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com