Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022I-HT Datasheet(PDF) 6 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 6 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 2Page - SMSC Corporation COM20022I-HT Datasheet HTML 3Page - SMSC Corporation COM20022I-HT Datasheet HTML 4Page - SMSC Corporation COM20022I-HT Datasheet HTML 5Page - SMSC Corporation COM20022I-HT Datasheet HTML 6Page - SMSC Corporation COM20022I-HT Datasheet HTML 7Page - SMSC Corporation COM20022I-HT Datasheet HTML 8Page - SMSC Corporation COM20022I-HT Datasheet HTML 9Page - SMSC Corporation COM20022I-HT Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 6
SMSC COM20022I
DATASHEET
Chapter 1
General Description
SMSC's COM20022I is a member of the family of Embedded ARCNET Controllers from Standard
Microsystems Corporation. The device is a general purpose communications controller for networking
microcontrollers and intelligent peripherals in industrial, automotive, and embedded control environments
using an ARCNET protocol engine.
The small 48 pin package, flexible microcontroller and media
interfaces, eight- page message support, and extended temperature range of the COM20022I make it the
only true network controller optimized for use in industrial, embedded, and automotive applications. Using
an ARCNET protocol engine is the ideal solution for embedded control applications because it provides a
deterministic token-passing protocol, a highly reliable and proven networking scheme, and a data rate of
up to 10 Mbps when using the COM20022I. A token-passing protocol provides predictable response times
because each network event occurs within a predetermined time interval, based upon the number of
nodes on the network. The deterministic nature of ARCNET is essential in real time applications. The
integration of the 2Kx8 RAM buffer on-chip, the Command Chaining feature, the 10 Mbps maximum data
rate, and the internal diagnostics make the COM20022I the highest performance embedded
communications device available. With only one COM20022I and one microcontroller, a complete
communications node may be implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com