Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022I-HT Datasheet(PDF) 46 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 46 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 42Page - SMSC Corporation COM20022I-HT Datasheet HTML 43Page - SMSC Corporation COM20022I-HT Datasheet HTML 44Page - SMSC Corporation COM20022I-HT Datasheet HTML 45Page - SMSC Corporation COM20022I-HT Datasheet HTML 46Page - SMSC Corporation COM20022I-HT Datasheet HTML 47Page - SMSC Corporation COM20022I-HT Datasheet HTML 48Page - SMSC Corporation COM20022I-HT Datasheet HTML 49Page - SMSC Corporation COM20022I-HT Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 46
SMSC COM20022I
DATASHEET
Table 6.13 - DMA Count Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7-0
Terminal Count
Timer Mode
Cycle Mode
TC7-TC0
TIM7-TIM0
CYC7-CYC0
TC7-TC0: Used for non-burst or burst mode. These are the lower 8
bits of the Terminal Count setting register. The MSB (TC8) is in the
Bus Control Register. The Terminal Count setting range is from 1 to
512 counts (TC8 - TC0 all zeroes means 512 counts).
TIM7-TIM0: Used for Programmable-Burst by Timer mode. These bits
are for setting the term of the continuous DMA transfer. The time
range is from 100nS to 25.6
μS. The step is 100nS (TIM7-TIM0 all
zeroes means 25.6
μs).
CYC7-CYC0: Used for Programmable-Burst by Cycle mode. These
bits are for setting the term of the continuous DMA transfer. The cycle
range is from 2 to 256 cycles. CYC7-CYC0 all zeroes means 256
cycles. (1 is illegal)
Address Pointer Register
Low
2K x 8
RAM
11
Data Register
8
I/O Address 04H
I/O Address 03H
11-Bit Counter
Memory
Address Bus
Memory
Data Bus
D0-D7
High
I/O Address 02H
INTERNAL
Figure 6.2
- Sequential Access Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com