Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZB Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMCT03-ACZB
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZB Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMCT03-ACZB Datasheet HTML 6Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 7Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 9Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 10Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 11Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 12Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 13Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
10
SMSC EMCT03
DATASHEET
3.5
Legacy Temperature Data Format Registers 00h, 23h, 01h,
10h, F8h, F9h:
For registers displaying legacy temperature data format, the temperature range spans from –63.875ºC
to +127.875ºC with 0,125ºC resolution. Temperatures outside this range are clipped to –63.875ºC and
+127.875ºC. Data is stored in the registers in 2’s complement as shown in Table 3.7:
3.6
Extended Temperature Data Format Registers FAh, FBh, FCh,
FDh
For registers displaying extended temperature data format, a value of 64d is subtracted from the
Legacy Format output. This effectively extends the range to cover higher external temperature
measurements while still maintaining the 2’s complement format. Obviously, the host will have to
compensate and add 64d to the read temperature data. This format spans from –63.875ºC to
+191.875ºC with 0.125ºC resolution. Temperatures outside this range are limited to –63.875ºC and
+191.875ºC. Table 3.8 shows example temperature readings and register content for this data format.
Table 3.7 Legacy Temperature Data Format
TEMPERATURE (
°C)
2’S COMPLEMENT
HEX
Diode Fault
1000 0000 0000 0000
8000
= -63.875
1100 0000 0010 0000
C020
-63
1100 0001 0000 0000
C100
-1
1111 1111 0000 0000
FF00
0
0000 0000 0000 0000
0000
+0.125
0000 0000 0010 0000
0020
+1
0000 0001 0000 0000
0100
+127
0111 1111 0000 0000
7F00
≥ +127.875
0111 1111 1110 0000
7FE0
Table 3.8 Extended Temperature Data Format
ACTUAL TEMP.
(
°C)
-64
°C OFFSET
(
°C)
2’S COMPLEMENT
OF -64
°C OFFSET
HEX
Diode Fault
1000 0000 0000 0000
8000
= -63.875
-127.875
1000 0000 0010 0000
8020
-63
-127
1000 0001 0000 0000
8100
-1
-65
1011 1111 0000 0000
BF00
0
-64
1100 0000 0000 0000
C000
+0.125
-63.875
1100 0000 0010 0000
C020
+1
-63
1100 0001 0000 0000
C100
+63
-1
1111 1111 0000 0000
FF00
+64
0
0000 0000 0000 0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com