Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZB Datasheet(PDF) 12 Page - SMSC Corporation

Part # EMCT03-ACZB
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZB Datasheet(HTML) 12 Page - SMSC Corporation

Back Button EMCT03-ACZB Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 9Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 10Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 11Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 12Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 13Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 14Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 15Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
12
SMSC EMCT03
DATASHEET
A conversion for all 3 temperature readings takes about 60ms. Therefore, the maximum conversion
rate, equals 16 conversions per second.
Bits 6 set of the Configuration Register sets the power mode of the part:
In Run Mode, the EMCT03 will operate at the preset conversion rate. In Standby Mode, the part is
powered down to minimize current consumption. The SMBus is fully operational in either mode. In
Standby Mode, a WRITE command to the One Shot register will trigger a one time conversion of the
3 temperature monitors. After the part finishes the conversion, it will go back to Standby Mode. The
host can now read the updated temperature information.
Table 3.12 Configuration Registers Data Format
NRUN/STOP
DESCRIPTION
0
Run Mode
1
Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com