Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZB Datasheet(PDF) 5 Page - SMSC Corporation

Part # EMCT03-ACZB
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZB Datasheet(HTML) 5 Page - SMSC Corporation

  EMCT03-ACZB Datasheet HTML 1Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 2Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 3Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 4Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 5Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 6Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 7Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
5
Revision 2.3 (04-19-05)
DATASHEET
Figure 2.1 System Management Bus Timing Diagram
VDD=3.3V±10%, Temp=0
°C to 85°C, unless otherwise noted.
CHARACTERISTIC
MIN
TYP
MAX
UNIT
System Management Bus Timing
Operating Frequency, FSMB
10
400
kHz
Spike Suppression
50
ns
Bus free time Start to Stop, TBUF
1.3
µs
Hold time Start THD:STA
0.6
µs
Setup time Start TSU:STA
0.6
µs
Setup time Stop TSU:STO
0.6
µs
Data hold time THD:DAT
0.3
0.9
µs
Data setup time TSU:DAT
100
ns
Clock Low period TLOW
1.3
µs
Clock High Period THIGH
0.6
µs
Clock/Data Fall Time, TF
300
ns
Clock/Data Rise Time, TR
300
ns
System Management Bus SMCLK, SMDATA
Input High Current
10
µA
Input Low Current
-10
µA
Input Capacitance
10
pF
Low Input Level
0.8
V
High Input Level
2.0
V
Hysteresis
500
mV
Low Output Level @ 4mA
0.4
V
SMDATA
SMCLK
T
LOW
T
R
T
HIGH
T
F
T
BUF
T
HD:STA
P
S
S - Start Condition
P - Stop Condition
T
HD:DAT TSU:DAT
T
SU:STA
T
HD:STA
P
T
SU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com