Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMCT03-ACZB Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMCT03-ACZB
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZB Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMCT03-ACZB Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 9Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 10Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 11Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 12Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 13Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 14Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 15Page - SMSC Corporation EMCT03-ACZB Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
13
Revision 2.3 (04-19-05)
DATASHEET
Chapter 4 Application Information
This chapter provides information on maintaining accuracy when using diodes as remote sensors with
SMSC Environmental Monitoring and Control devices. It is assumed that the users have some
familiarity with hardware design and transistor characteristics.
SMSC supplies a family Environmental Monitoring and Control (EMC) devices that are capable of
accurately measuring temperatures. Most devices include an internal temperature sensor along with
the ability to measure one or more external sensors. The characteristics of an appropriate diode for
use as the external sensor are listed in this chapter. Recommendations for the printed circuit board
layout are provided to help reduce error caused by electical noise or trace resistance.
4.1
Maintaining Accuracy
4.1.1
Physical Factors
Temperature measurement is performed by measuring the change in forward bias voltage of a diode
when two different currents are forced through the junction. The circuit board itself can impact the
ability to accurately measure these small changes in voltage. For example, an excessive amount of
series resistance can introduce error in the measurement.
4.1.1.1
Layout
Apply the following guidelines when designing the printed circuit board:
1. Route the remote diode traces on the top layer.
2. Place a ground guard signal on both sides of the differential pair. This guard band should be
connected to the ground plane at least every 0.25 inches.
3. Place a ground plane on the layer immediately below the diode traces.
4. Keep the diode traces as short as possible.
5. Keep the diode traces parallel, and the length of the two traces identical within 0.3 inches.
6. Use a trace width of 0.01 inches with a 0.01 inch guard band on each side.
7. Keep the diode traces away from sources of high frequency noise such as power supply filtering
or high speed digital signals.
8. When the diode traces must cross high speed digital signals, make them cross at a 90 degree
angle.
9. Avoid joints of copper to solder that can introduce thermocouple effects.
These recommendations are illustrated in Figure 4.1 Routing the Diode Traces on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com