Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL51002 Datasheet(PDF) 28 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 28 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation ISL51002 Datasheet HTML 26Page - Intersil Corporation ISL51002 Datasheet HTML 27Page - Intersil Corporation ISL51002 Datasheet HTML 28Page - Intersil Corporation ISL51002 Datasheet HTML 29Page - Intersil Corporation ISL51002 Datasheet HTML 30Page - Intersil Corporation ISL51002 Datasheet HTML 31Page - Intersil Corporation ISL51002 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
December 22, 2006
Crystal Oscillator
An external 12MHz to 27MHz crystal supplies the low-jitter
reference clock to the DPLL. The absolute frequency of this
crystal within this range is unimportant, as is the crystal’s
temperature coefficient, allowing use of less expensive,
lower-grade crystals.
As an alternative to a crystal, the XTALIN pin can be driven
with a 3.3V CMOS-level external clock source at any
frequency between 12MHz and 27MHz. The ISL51002’s
jitter specification assumes a low-jitter crystal source. If the
external clock source has increased jitter, the sample clock
generated by the DPLL may exhibit increased jitter as well.
EMI Considerations
There are two possible sources of EMI on the ISL51002:
Crystal oscillator.
The EMI from the crystal oscillator is negligible. This is due to
an amplitude-regulated, low voltage sine wave oscillator circuit,
instead of the typical high-gain square wave inverter-type
oscillator, so there are no harmonics. The crystal oscillator is
not a significant source of EMI.
Digital output switching.
This is the largest potential source of EMI. However, the EMI is
determined by the PCB layout and the loading on the databus.
The way to control this is to put series resistors on the output of
all the digital pins (as our demo board and reference circuits
show). These resistors should be as large as possible, while
still meeting the setup and hold timing requirements of the
scaler. We recommend starting with 22
Ω. If the databus is
heavily loaded (long traces, many other part on the same bus),
this value may need to be reduced. If the databus is lightly
loaded, it may be increased.
Intersil’s recommendations to minimize EMI are:
• Minimize the databus trace length
• Minimize the databus capacitive loading.
If EMI is a problem in the final design, increase the value of the
digital output series resistors to reduce slew rates on the bus.
This can only be done as long as the scaler’s setup and hold
timing requirements continue to be met.
Standby Mode
The ISL51002 can be placed into a low power standby mode
by writing a 0x0F to register 0x2C, powering down the triple
ADCs, the DPLL, and most of the internal clocks.
To allow input monitoring and mode detection during power-
down, the following blocks remain active:
• Serial interface (including the crystal oscillator) to enable
register read/write activity
• Activity and polarity detect functions (registers 0x01 and
0x02)
• The HSYNCOUT and VSYNCOUT pins (for mode detection)
Initialization
The ISL51002 initializes with default register settings for an
AC-coupled, RGB input on the VGA1 channel, with a 30-bit
output.
Reset
The ISL51002 has a Power On Reset (POR) function that
resets the chip to its default state when power is initially
applied, including resetting all the registers to their default
settings as described in the Register Listing. The POR
function takes 512k Crystal clocks (~21ms at 25MHz) to
complete. The external RESET pin duplicates the reset
function of the POR without having to cycle the power
supplies. The RESET pin does not need to be used in
normal operation and can be tied high.
ISL51002 Serial Communication
Overview
The ISL51002 uses a 2-wire serial bus for communication
with its host. SCL is the Serial Clock line, driven by the host,
and SDA is the Serial Data line, which can be driven by all
devices on the bus. SDA is open drain to allow multiple
devices to share the same bus simultaneously.
Communication is accomplished in three steps:
1)
The Host selects the ISL51002 it wishes to communicate
with.
2)
The Host writes the initial ISL51002 Configuration
Register address it wishes to write to or read from.
3)
The Host writes to or reads from the ISL51002’s
Configuration Register. The ISL51002’s internal address
pointer auto increments, so to read registers 0x00 through
0x1B, for example, one would write 0x00 in step 2, then
repeat step three 28 times, with each read returning the
next register value.
The ISL51002 has a 7-bit address on the serial bus. The
upper 6-bits are permanently set to 100110, with the lower
bit determined by the state of pin 67. This allows two
ISL51002s to be independently controlled while sharing the
same bus.
The bus is nominally inactive, with SDA and SCL high.
Communication begins when the host issues a START
command by taking SDA low while SCL is high (Figure 3).
The ISL51002 continuously monitors the SDA and SCL lines
for the start condition and will not respond to any command
until this condition has been met. The host then transmits the
7-bit serial address plus a R/W bit, indicating if the next
transaction will be a Read (R/W = 1) or a Write (R/W = 0). If
the address transmitted matches that of any device on the
bus, that device must respond with an ACKNOWLEDGE
(Figure 4).
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com