Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL51002 Datasheet(PDF) 31 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 31 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation ISL51002 Datasheet HTML 26Page - Intersil Corporation ISL51002 Datasheet HTML 27Page - Intersil Corporation ISL51002 Datasheet HTML 28Page - Intersil Corporation ISL51002 Datasheet HTML 29Page - Intersil Corporation ISL51002 Datasheet HTML 30Page - Intersil Corporation ISL51002 Datasheet HTML 31Page - Intersil Corporation ISL51002 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
December 22, 2006
FIGURE 7. CONFIGURATION REGISTER READ
ISL51002 Serial Bus Address Write
This is the 7-bit address of the ISL51002 on the 2-wire bus. The
address is 0x98 if pin 67 is low, 0x9A if pin 67 is high. R/W = 0,
indicating next transaction will be a write.
A0
A7
A2
A4
A3
A1
A6
A5
1
00
0
1
A
(PIN 67)
0
1
R/W
ISL51002 Register Address Write
This sets the initial address of the ISL51002’s configuration
register for subsequent reading.
ISL51002 SERIAL BUS ADDRESS
START COMMAND
Signals the beginning of serial I/O
ISL51002 Serial Bus Address Write
This is the 7-bit address of the ISL51002 on the 2-wire bus. The
address is 0x98 if pin 67 is low, 0x9A if pin 67 is high. R/W = 1,
indicating next transaction(s) will be a read.
D7
D6
D5
D2
D4
D3
D1
D0
ISL51002 Register Data Read(s)
This is the data read from the ISL51002’s configuration register.
Note: The ISL51002’s Configuration Register’s address pointer
auto increments after each data read: repeat this step to read
multiple sequential bytes of data from the Configuration Register.
1
00
0
1
A
(PIN 67)
1
1
R/W
ISL51002 SERIAL BUS
START COMMAND
STOP COMMAND
(REPEAT IF DESIRED)
Ends the previous transaction and starts a new one
Signals the ending of serial I/O
S
T
A
R
T
S
T
O
P
DATA
READ*
SDA BUS
SIGNALS
FROM THE
ISL51002
SIGNALS
FROM THE
HOST
REGISTER
ADDRESS
SERIAL BUS
ADDRESS
A
C
K
aaaaaaaa
A
C
K
dddddddd
A
C
K
100110 A 0
* The data read step may be repeated to read
from the ISL51002’s Configuration Register
sequentially, beginning at the Register
Address written in the two steps previous.
R
E
S
T
A
R
T
SERIAL BUS
ADDRESS
A
C
K
100110 A 1
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com