Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL51002 Datasheet(PDF) 29 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 29 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation ISL51002 Datasheet HTML 26Page - Intersil Corporation ISL51002 Datasheet HTML 27Page - Intersil Corporation ISL51002 Datasheet HTML 28Page - Intersil Corporation ISL51002 Datasheet HTML 29Page - Intersil Corporation ISL51002 Datasheet HTML 30Page - Intersil Corporation ISL51002 Datasheet HTML 31Page - Intersil Corporation ISL51002 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
December 22, 2006
Once the serial address has been transmitted and
acknowledged, one or more bytes of information can be
written to or read from the slave. Communication with the
selected device in the selected direction (read or write) is
ended by a STOP command, where SDA rises while SCL is
high (Figure 3), or a second START command, which is
commonly used to reverse data direction without
relinquishing the bus.
Data on the serial bus must be valid for the entire time SCL
is high (Figure 5). To achieve this, data being written to the
ISL51002 is latched on a delayed version of the rising edge
of SCL. SCL is delayed and deglitched inside the ISL51002
for three crystal clock periods (120ns for a 25MHz crystal) to
eliminate spurious clock pulses that could disrupt serial
communication.
When the contents of the ISL51002 are being read, the SDA
line is updated after the falling edge of SCL, delayed and
deglitched in the same manner.
Configuration Register Write
Figure 6 shows two views of the steps necessary to write
one or more words to the Configuration Register.
Configuration Register Read
Figure 7 shows two views of the steps necessary to read one
or more words from the Configuration Register.
SCL
SDA
START
STOP
FIGURE 3. VALID START AND STOP CONDITIONS
SCL FROM
HOST
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
8
1
9
START
ACKNOWLEDGE
FIGURE 4. ACKNOWLEDGE RESPONSE FROM RECEIVER
SCL
SDA
DATA STABLE
DATA CHANGE
DATA STABLE
FIGURE 5. VALID DATA CHANGES ON THE SDA BUS
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com