Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PWR Datasheet(PDF) 25 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3060PWR
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR Datasheet(HTML) 25 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 21Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 22Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 23Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 24Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 25Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 26Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 27Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 28Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 29Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
www.ti.com
Register Write Operation
MSB
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
LSB
Register Index (or Address)
Register Data
R0001-01
IDX0
D7
D6
D4
D5
D3
D2
D1
D0
0
MS
MC
MD
X
0
IDX6
X
IDX1
IDX2
IDX3
IDX4
IDX5
IDX6
X
T0048-01
PCM3060
SLAS533 – MARCH 2007
All single-write operations via the serial control port use 16-bit data words. Figure 28 shows the control data
word format. The most significant bit must be a 0. There are seven bits, labeled IDX[6:0], that set the register
index (address) for the write operation. The least significant eight bits, D[7:0], contain the data to be written to
the register specified by IDX[6:0].
Figure 29 shows the functional timing diagram for single-write operations on the serial control port. MS is held in
the High state until a register is to be written. To start the register write cycle, MS is set to the Low state. Sixteen
clocks are then provided on MC, corresponding to the 16 bits of the control data word on MD. After the sixteenth
clock cycle has completed, MS is set to High to latch the data into the indexed mode control register.
The PCM3060 supports the multiple-write operation in addition to the single-write operation. Multiple write is
performed by sending N-sets of 8-bit register data after the first 16 bits of register address and register data,
while keeping the MC clock and MS in the Low state. Closing the multiple-write operation is done by setting MS
to the High state.
Figure 28. Control Data Word Format for MD
Figure 29. Register Write Operation
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com