Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PWR Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3060PWR
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 11Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 12Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 13Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 14Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 15Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 16Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 17Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 18Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 19Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
www.ti.com
DEVICE DESCRIPTION
ASYNCHRONOUS OPERATION
SYSTEM CLOCK
t
w(SCH)
t
w(SCL)
2 V
0.8 V
H
L
T0005-14
t
(SCY)
System Clock
(SCK1,SCK2)
PCM3060
SLAS533 – MARCH 2007
The PCM3060 supports complete asynchronous operation between the ADC and DAC by receiving two
independent system clocks on SCKI1 and SCKI2.
Also, the PCM3060 supports synchronous operation between ADC and DAC by receiving one common system
clock on either SCKI1 or SCKI2 and controlling the system clock configuration through register 67 or 72 in serial
mode control.
The PCM3060 requires two system clocks for operating the ADC and DAC blocks independently, or it requires
one common clock for synchronous ADC and DAC operation.
The system clock for the ADC of the PCM3060 must be 256, 384, 512, or 768 fS, where fS is the audio sampling
rate for the ADC, 16 to 96 kHz.
The system clock for the DAC of the PCM3060 must be 128, 192, 256, 384, 512, or 768 fS, where fS is the audio
sampling rate for the DAC, 16 to 192 kHz.
Table 2 lists the typical system clock frequencies, fSCKI1 and fSCKI2 for common audio sampling rates, and
Figure 21 shows the timing requirements for the system clock inputs.
Table 2. System Clock Frequencies for Common Audio Sampling Clock Frequencies
SAMPLING
SYSTEM CLOCK FREQUENCY, fSCKI1, fSCKI2 [MHz]
FREQUENCY
128 fS(1)
192 fS(1)
256 fS
384 fS
512 fS
768 fS
(kHz)
16
2.048
3.072
4.096
6.144
8.192
12.288
32
4.096
6.144
8.192
12.288
16.384
24.576
44.1
5.6488
8.4672
11.2896
16.9344
22.5792
33.8688
48
6.144
9.216
12.288
18.432
24.576
36.864
88.2
11.2896
16.9344
22.5792
33.8688
See (2)
See (2)
96
12.288
18.432
24.576
36.864
See (2)
See (2)
176.4 (1)
22.5792
33.8688
See (2)
See (2)
See (2)
See (2)
192 (1)
24.576
36.864
See (2)
See (2)
See (2)
See (2)
(1)
This combination of sampling clock frequency and system clock frequency is supported only for the DAC.
(2)
This system clock frequency is not supported for the given sampling clock frequency.
SYMBOL
PARAMETERS
MIN
MAX
UNIT
t(SCY)
System clock cycle time
25
ns
tw(SCH)
System clock high time
0.4 t(SCY)
ns
tw(SCL)
System clock low time
0.4 t(SCY)
ns
System clock duty cycle
40%
60%
Figure 21. System Clock Input Timing
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com