Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PWR Datasheet(PDF) 30 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3060PWR
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR Datasheet(HTML) 30 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 26Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 27Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 28Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 29Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 30Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 31Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 32Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 33Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 34Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
www.ti.com
REGISTER DEFINITIONS
PCM3060
SLAS533 – MARCH 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 64
0
1
0
0
0
0
0
0
MRST
SRST
ADPSV
DAPSV
RSV
RSV
RSV
S/E
MRST: Mode Control Register Reset (ADC and DAC)
Default value: 1
MRST = 0
Set default value
MRST = 1
Normal operation (default)
The MRST bit controls reset of the mode control registers to their default values. Pop noise may be generated.
Returning the MRST bit to 1 is not required, as the MRST bit is automatically set to 1 after a mode control
register reset.
SRST: System Reset (ADC and DAC)
Default value: 1
SRST = 0
Resynchronization
SRST = 1
Normal operation (default)
The SRST bit controls system reset, the relation between system clock and sampling clock is re-synchronized,
and ADC operation and DAC operation is restarted. The mode control register is not reset and the PCM3060
does not go into power down state, but pop-noise may be generated. Returning the SRST bit to 1 is not
required, as the SRST bit is automatically set to 1 after triggering a system reset.
ADPSV: ADC Power-Save Control (ADC)
Default value: 1
ADPSV = 0
Normal operation
ADPSV = 1
Power-save mode (default)
The ADPSV bit controls the ADC power-save mode. In power-save mode, DOUT is forced to ZERO with a
fade-out sequence, the internal ADC data are reset, and the ADC goes into the power-down state. For
power-save mode release, a fade-in sequence is applied on DOUT during the resume process. The serial mode
control is enabled during this mode. A waiting time of more than 2048/fS is required for the proper status change
by this power save control on/off. As the default state after power on is the power-save mode and DOUT is
disabled (ZERO), release from the power-save mode is required for normal operation. The detailed sequence
and timing for ADPSV control is shown Figure 22 and Figure 23.
NOTE:
It is recommended that changing/stopping clocks or changing the audio interface
mode be performed in power-down mode in order to avoid unexpected pop/click
noise and performance degradation.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com