Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PWR Datasheet(PDF) 41 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3060PWR
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR Datasheet(HTML) 41 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 37Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 38Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 39Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 40Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 41Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 42Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 43Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 44Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 45Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
www.ti.com
DESIGN AND LAYOUT CONSIDERATIONS IN APPLICTION
Power Supply Pins (VCC, VDD)
Grounding (AGND1, AGND2, SGND, DGND)
VINL, VINR Pins
VCOM Pin
VOUTL+, VOUTL–, VOUTR+, VOUTR– Pins
MODE Pin
System Clocks
PCM3060
SLAS533 – MARCH 2007
The digital and analog power supply lines to the PCM3060 should be bypassed to the corresponding ground
pins with 0.1-
µF ceramic and 10-µF electrolytic capacitors as close to the pins as possible to maximize the
dynamic performance of the ADC and DAC.
Although the PCM3060 has two power lines to maximize the potential of dynamic performance, using one
common source, 5-V power supply for VCC and a 3.3-V power supply for VDD which is generated from the 5-V
power supply for VCC, is recommended to avoid unexpected problems, such as latch-up, from incorrect power
supply sequencing.
To maximize the dynamic performance of the PCM3060, the analog and digital grounds are not connected
internally. These points should have very low impedance to avoid digital noise and signal components feeding
back into the analog ground. So, they should be connected directly to each other under the parts to reduce the
potential of noise problems.
A 4.7-
µF electrolytic capacitor is recommended as the ac coupling capacitor, which gives a 3-Hz cutoff
frequency. If higher full-scale input voltage is required, it can be adjusted by adding only one series resistor to
the VINX pins, although a small gain error is added due to variations of absolute input resistance of the
PCM3060. For example, adding 9.1 k
Ω gives 2 Vrms full-scale with about 10% gain error.
Ceramic 0.1-
µF and electrolytic 10-µF capacitors are recommended between V
COM and AGND to ensure low
source impedance of the ADC and DAC references. These capacitors should be located as close as possible to
the VCOM pins to reduce dynamic errors on ADC and DAC references.
The differential to single-ended buffer with post LPF can be directly (without capacitor) connected to these
output pins, thereby minimizing the use of coupling capacitors for the 2-Vrms outputs. The output pins in
single-ended mode are assigned to VOUTL+ and VOUTR+ ; in single-ended mode, the VOUTL– and VOUTR– pins
must be open.
This pin is a logic input with quad-state input capability.
The pin is connected to VDD for High, to DGND for Low, and pulled up or pulled down through an external
resistor and for the two mid-states in order to distinguish the four input states. The pullup or pulldown resistor
must be 220 k
Ω, ±5% tolerance.
The quality of SCKI1/2 may influence dynamic performance, as the PCM3060 (both ADC and DAC) operates
based on SCKI1/2. Therefore, it may be required to consider the jitter, duty, rise and fall time, etc. of the system
clocks.
The PCM3060 supports asynchronous operation between the ADC and DAC. Therefore, there is no restriction
on the relationship between SCKI1 and SCKI2 for digital operation, but it is strongly recommended to use a
common clock if the application does not require different base clock frequencies, like 44.1 kHz and 48 kHz.
41
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com