Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2732 Datasheet(PDF) 21 Page - Texas Instruments

Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM2732_V02 Datasheet HTML 17Page - Texas Instruments AM2732_V02 Datasheet HTML 18Page - Texas Instruments AM2732_V02 Datasheet HTML 19Page - Texas Instruments AM2732_V02 Datasheet HTML 20Page - Texas Instruments AM2732_V02 Datasheet HTML 21Page - Texas Instruments AM2732_V02 Datasheet HTML 22Page - Texas Instruments AM2732_V02 Datasheet HTML 23Page - Texas Instruments AM2732_V02 Datasheet HTML 24Page - Texas Instruments AM2732_V02 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
Table 5-1. Pin Attributes (ZCE, NZN Packages) (continued)
ZCE Ball
Number
NZN Ball
Number
Ball Name
Signal Name
Pin
Control
Register
Pin
Control
Address
MUX
Mode
Signal
Type
DSIS
Ball
State
During
Reset
Ball
State
After
Reset
Mux
Mode
After
Reset
I/O
Voltage
Power
Domain
Hysteresi
s
Pull Type
Buffer
Type
E2
B1
MSS_QSPI_D3
MSS_GPIO_11
PADAO_
CFG_RE
G
0x020C
0038
0
IO
Pad
Off / Off /
Off
Off / Off /
Up
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PU)
LVCMOS
MSS_QSPI_D3
1
I
Pad
MSS_MCANA_RX
8
I
Pad
M19
K15
MSS_RGMII_RCLK
RCSS_GPIO_59
PADCH_
CFG_RE
G
0x020C
00EC
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXCLK
1
I
Pad
MSS_RGMII_RCLK
3
I
Pad
RCSS_MCASPB_AHCLKR
4
IO
Pad
RCSS_I2CA_SCL
5
IO
Pad
J17
G13
MSS_RGMII_RCTL
RCSS_GPIO_53
PADCB_
CFG_RE
G
0x020C
00D4
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXDV
1
I
Pad
MSS_RGMII_RCTL
3
I
Pad
RCSS_MCASPA_FSR
4
IO
Pad
MSS_UARTB_RX
5
IO
Pad
MSS_EPWMB0
6
O
Pad
P18
M13
MSS_RGMII_RD0
RCSS_GPIO_63
PADCL_
CFG_RE
G
0x020C
00FC
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXD0
1
I
Pad
MSS_RMII_RXD0
2
I
Pad
MSS_RGMII_RD0
3
I
Pad
RCSS_MCASPB_FSR
4
IO
Pad
N19
L15
MSS_RGMII_RD1
RCSS_GPIO_62
PADCK_
CFG_RE
G
0x020C
00F8
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXD1
1
I
Pad
MSS_RMII_RXD1
2
I
Pad
MSS_RGMII_RD1
3
I
Pad
RCSS_MCASPB_ACLKR
4
IO
Pad
M18
L14
MSS_RGMII_RD2
RCSS_GPIO_61
PADCJ_C
FG_REG
0x020C
00F4
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXD2
1
I
Pad
MSS_RGMII_RD2
3
I
Pad
RCSS_MCASPB_FSX
4
IO
Pad
RCSS_I2CB_SCL
5
IO
Pad
L19
J13
MSS_RGMII_RD3
RCSS_GPIO_60
PADCI_C
FG_REG
0x020C
00F0
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
MSS_MII_RXD3
1
I
Pad
MSS_RGMII_RD3
3
I
Pad
RCSS_MCASPB_ACLKX
4
IO
Pad
RCSS_I2CB_SDA
5
IO
Pad
www.ti.com
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com