Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2732 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM2732_V02 Datasheet HTML 56Page - Texas Instruments AM2732_V02 Datasheet HTML 57Page - Texas Instruments AM2732_V02 Datasheet HTML 58Page - Texas Instruments AM2732_V02 Datasheet HTML 59Page - Texas Instruments AM2732_V02 Datasheet HTML 60Page - Texas Instruments AM2732_V02 Datasheet HTML 61Page - Texas Instruments AM2732_V02 Datasheet HTML 62Page - Texas Instruments AM2732_V02 Datasheet HTML 63Page - Texas Instruments AM2732_V02 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
A non-crystal oscillator can also be used as the clock reference source. In this case the signal is fed to the CLKP
pin only and CLKM is grounded. Table 6-11 lists the electrical, AC timing, and phase noise requirements of the
external oscillator input signal.
Table 6-11. External Clock Mode Input Requirements
PARAMETER
SPECIFICATION
UNIT
MIN
TYP
MAX
Input Clock:
External AC-coupled sine wave or DC-
coupled square wave
Phase Noise referrenced to 40 MHz
Frequency
40
MHz
AC-Amplitude
700
1200
mV (pp)
DC-VIL
0.00
0.02
V
DC-VIH
1.40
1.95
V
DC-trise/fall
10
ns
Phase Noise at 1 kHz
–132
dBc/Hz
Phase Noise at 10 kHz
–143
dBc/Hz
Phase Noise at 100 kHz
–152
dBc/Hz
Phase Noise at 1 MHz
–153
dBc/Hz
Duty Cycle
35
65
%
Freq Tolerance
–50
50
ppm
6.12.3 Peripheral Information
Initial peripheral descriptions and features are provided in the following sections. Additional peripheral details
and interface timing information shall be provided in a later product preview or datasheet release.
6.12.3.1 QSPI Flash Memory Peripheral
AM273x includes a Quad-Serial Peripheral Interface for external flash memory access. Flash memory can be
be utilized for many purposes including: Secondary boot-loader memory, application program memory, security
keys storage, and long-term data logs for security and error conditions.
• ROM bootloader auto identification of supported flash through flash device ID (DEVID) register
• Loopback skew cancellation for clock signal to supported faster flash interface clock rates
• Two chip-select signals to connect two external flash devices
• Memory mapped 'direct' mode and software triggered 'indirect' mode of operation for performing flash data
transfers
• 67 MHz operating clock supported
6.12.3.1.1 QSPI Timing Conditions
SPECIFIC
ATION
NUMBER
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
1
tR
Input rise time
1
3
ns
2
tF
Input fall time
1
3
ns
Output Conditions
3
CLOAD
Output load capacitance
2
15
pF
6.12.3.1.2 QSPI Timing Requirements
SPECIFIC
ATION
NUMBER
PARAMETER
(1), (2), (3)
MIN
TYP
MAX
UNIT
Q12
tsu(D-SCLK)
Setup time, D[3:0] valid before falling SCLK edge
5
ns
Q13
th(SCLK-D)
Hold time, D[3:0] valid after falling SCLK edge
0
ns
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
60
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com