Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2732 Datasheet(PDF) 24 Page - Texas Instruments

Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AM2732_V02 Datasheet HTML 20Page - Texas Instruments AM2732_V02 Datasheet HTML 21Page - Texas Instruments AM2732_V02 Datasheet HTML 22Page - Texas Instruments AM2732_V02 Datasheet HTML 23Page - Texas Instruments AM2732_V02 Datasheet HTML 24Page - Texas Instruments AM2732_V02 Datasheet HTML 25Page - Texas Instruments AM2732_V02 Datasheet HTML 26Page - Texas Instruments AM2732_V02 Datasheet HTML 27Page - Texas Instruments AM2732_V02 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
Table 5-1. Pin Attributes (ZCE, NZN Packages) (continued)
ZCE Ball
Number
NZN Ball
Number
Ball Name
Signal Name
Pin
Control
Register
Pin
Control
Address
MUX
Mode
Signal
Type
DSIS
Ball
State
During
Reset
Ball
State
After
Reset
Mux
Mode
After
Reset
I/O
Voltage
Power
Domain
Hysteresi
s
Pull Type
Buffer
Type
C15
B7
NERRORIN_FE1
MSS_GPIO_16
PADDU_
CFG_RE
G
0x020C
0188
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
RCSS_MCASPA_DAT10
7
IO
Pad
RCSS_MCASPA_DAT2
8
IO
Pad
RCSS_GPIO_48
12
IO
Pad
A16
C7
NERRORIN_FE2
MSS_GPIO_17
PADDV_
CFG_RE
G
0x020C
018C
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
RCSS_MCASPA_DAT11
7
IO
Pad
RCSS_MCASPA_DAT3
8
IO
Pad
RCSS_GPIO_49
12
IO
Pad
L3
H2
NERROR_IN
NERROR_IN
PADAR_
CFG_RE
G
0x020C
0044
0
I
Pad
Off / Off /
Off
Off / NA /
Up
0
1.8V/3.3V VIOIN
Yes
Pull
Disabled
LVCMOS
L1
H1
NERROR_OUT
NERROR_OUT
PADAT_C
FG_REG
0x020C
004C
0
IO
Pad
Off / Off /
Off
Off / NA /
Off
0
1.8V/3.3V VIOIN
Yes
Pull
Disabled
LVCMOS
L2
J3
NRESET
NRESET
0
I
1.8V/3.3V VIOIN
Yes
PU/PD
LVCMOS
B15
B6
NRESET_FE1
MSS_GPIO_18
PADDW_
CFG_RE
G
0x020C
0190
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
RCSS_MCASPA_DAT12
7
IO
Pad
RCSS_MCASPA_DAT4
8
IO
Pad
RCSS_GPIO_50
12
IO
Pad
A15
A6
NRESET_FE2
MSS_GPIO_19
PADDX_
CFG_RE
G
0x020C
0194
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
RCSS_I2CA_SDA
3
IO
Pad
RCSS_MCASPA_DAT13
7
IO
Pad
RCSS_MCASPA_DAT5
8
IO
Pad
RCSS_GPIO_51
12
IO
Pad
B14
B5
NWARMRESET_IN_FE1
MSS_GPIO_20
PADDY_
CFG_RE
G
0x020C
0198
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
RCSS_I2CA_SCL
3
IO
Pad
RCSS_MCASPA_DAT14
7
IO
Pad
RCSS_MCASPA_DAT6
8
IO
Pad
RCSS_GPIO_52
12
IO
Pad
C13
A5
NWARMRESET_IN_FE2
MSS_GPIO_21
PADDZ_
CFG_RE
G
0x020C
019C
0
IO
Pad
Off / Off /
Off
Off / Off /
Down
1
1.8V/3.3V VIOIN
Yes
PU/PD
(PD)
LVCMOS
RCSS_ECAPA_CAPIN_PWMO
4
IO
Pad
RCSS_MCASPA_DAT15
7
IO
Pad
RCSS_MCASPA_DAT7
8
IO
Pad
RCSS_GPIO_53
12
IO
Pad
T4
R2
OSC_CLK_OUT_AUDIO
OSCCLKOUT
0
O
1.8V
VIN_18C
LK
Clock
Subsyste
m Output
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com