Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2732 Datasheet(PDF) 74 Page - Texas Instruments

Part # AM2732
Description  AM273x Sitara™ Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM2732 Datasheet(HTML) 74 Page - Texas Instruments

Back Button AM2732_V02 Datasheet HTML 70Page - Texas Instruments AM2732_V02 Datasheet HTML 71Page - Texas Instruments AM2732_V02 Datasheet HTML 72Page - Texas Instruments AM2732_V02 Datasheet HTML 73Page - Texas Instruments AM2732_V02 Datasheet HTML 74Page - Texas Instruments AM2732_V02 Datasheet HTML 75Page - Texas Instruments AM2732_V02 Datasheet HTML 76Page - Texas Instruments AM2732_V02 Datasheet HTML 77Page - Texas Instruments AM2732_V02 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
1
mii _txclk
n
(input)
miin_txd3
miin_txen, miin_txer
−
,
(outputs)
miin_txd0
Figure 6-15. GMAC Transmit Interface Timing MIIn operation
6.12.3.3.11 MII Receive Clock Timing Requirements
NO.
PARAMETER
DESCRIPTION
SPEED
MIN
MAX
UNIT
1
tc(RX_CLK)
Cycle time, miin_rxclk
10 Mbps
400
ns
100 Mbps
40
ns
2
tw(RX_CLKH)
Pulse duration, miin_rxclk high
10 Mbps
140
260
ns
100 Mbps
14
26
ns
3
tw(RX_CLKL)
Pulse duration, miin_rxclk low
10 Mbps
140
260
ns
100 Mbps
14
26
ns
4
tt(RX_CLK)
Transition time, miin_rxclk
10 Mbps
3
ns
100 Mbps
3
ns
mii _rxclk
n
2
3
1
4
4
Figure 6-16. Clock Timing (GMAC Receive) - MIIn operation
6.12.3.3.12 MII Receive Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tsu(RXD-RX_CLK)
Setup time, receive selected signals valid before miin_rxclk
8
ns
tsu(RX_DV-RX_CLK)
tsu(RX_ER-RX_CLK)
2
th(RX_CLK-RXD)
Hold time, receive selected signals valid after miin_rxclk
8
ns
th(RX_CLK-RX_DV)
th(RX_CLK-RX_ER)
mii _rxclk
n
(Input)
1
2
mii _rxd3
n
mii _rxdv miin_rxer
−
,
(Inputs)
mii _rxd0,
n
n
Figure 6-17. GMAC Receive Interface Timing MIIn operation
AM2732, AM2732-Q1
SWRS245B – DECEMBER 2021 – REVISED DECEMBER 2023
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com