Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1201PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IP1201PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IP1201PBF Datasheet HTML 3Page - International Rectifier IP1201PBF Datasheet HTML 4Page - International Rectifier IP1201PBF Datasheet HTML 5Page - International Rectifier IP1201PBF Datasheet HTML 6Page - International Rectifier IP1201PBF Datasheet HTML 7Page - International Rectifier IP1201PBF Datasheet HTML 8Page - International Rectifier IP1201PBF Datasheet HTML 9Page - International Rectifier IP1201PBF Datasheet HTML 10Page - International Rectifier IP1201PBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.irf.com
7
iP1201PbF
Fig. 8: Recommended Operating Area
200kHz
Fig. 9: Recommended Operating Area
300kHz
Fig. 10: Recommended Operating Area
400kHz
0
2
4
6
8
10
12
14
16
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Output Voltage (V)
VIN =3.3V
fSW =200kHz
VIN =5.0V
0
2
4
6
8
10
12
14
16
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Output Voltage (V)
VIN =3.3V
VIN =5.0V
f SW =300kHz
0
2
4
6
8
10
12
14
16
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
Output Voltage (V)
f SW =400kHz
VIN =3.3V
VIN =5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com