Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB8517 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 3Page - NXP Semiconductors PCB8517 Datasheet HTML 4Page - NXP Semiconductors PCB8517 Datasheet HTML 5Page - NXP Semiconductors PCB8517 Datasheet HTML 6Page - NXP Semiconductors PCB8517 Datasheet HTML 7Page - NXP Semiconductors PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors PCB8517 Datasheet HTML 10Page - NXP Semiconductors PCB8517 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Mar 03
7
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
DISPLAY BUFFERS
Table 3
Display buffers; see Table 4
Table 4
Explanation of Table 3
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CCS0
CA6
CA5
CA4
CA3
CA2
CA1
CA0
BIT
NAME
DESCRIPTION
7
CCS0
This bit defines the characters colour. When the character has no window background
with it, colour 0 is selected if CCS0 = 0, otherwise colour 1 is selected. When the
character is inside a window and the CCS1 bit of the corresponding windows control
register is 0, the colour selection is the same as no window background, and if
CCS1 = 1, colour 2 is selected when CCS0 = 0, otherwise colour 3 is selected.
6 to 0
CA6 to CA0
These 7 bits define 1 of 128 character symbols to be displayed in this position.
Fig.4 Internal RAM map.
handbook, full pagewidth
WINDOW 1
CONTROL
ROW
CHARACTER DISPLAY BUFFERS
RESERVED
COLUMN
ROW
CONTROL
0
9
10
0
2
35
68
9
12 13
31
MGD763
23
0
24
29
30
31
WINDOW 2
CONTROL
WINDOW 3
CONTROL
FRAME
CONTROL
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com