Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB8517 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 5Page - NXP Semiconductors PCB8517 Datasheet HTML 6Page - NXP Semiconductors PCB8517 Datasheet HTML 7Page - NXP Semiconductors PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors PCB8517 Datasheet HTML 10Page - NXP Semiconductors PCB8517 Datasheet HTML 11Page - NXP Semiconductors PCB8517 Datasheet HTML 12Page - NXP Semiconductors PCB8517 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 Mar 03
9
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
Table 10 Explanation of Table 9
Table 11 Columns 1, 4 and 7 of row 10
Table 12 Explanation of Table 11
Table 13 Columns 2, 5 and 8 of row 10
Table 14 Explanation of Table 13
FRAME CONTROL REGISTERS
Table 15 Column 9 of row 10
BIT
NAME
DESCRIPTION
7to4
−
These bits specify which row is the start of window.
3to0
−
These bits specify which row is the end of window.
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MSB
column start address
LSB
WEN
CCS1
reserved
BIT
NAME
DESCRIPTION
7to3
−
These bits specify which column is the start of the window.
2
WEN
When this bit is set to logic 1 the corresponding window background is enabled.
1
CCS1
When this bit is set to logic 1, the characters resided within this particular window can
have two extra colour selections (i.e. colour 2 and colour 3); see Section “Display
buffers”.
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MSB
column end address
LSB
WR
WG
WB
BIT
NAME
DESCRIPTION
7to3
−
These bits specify which column is the end of the window.
2 to 0
WR, WG, WB These bits define the colour of the window.
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
reserved
MSB
vertical start position
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com