Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB8517 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 4Page - NXP Semiconductors PCB8517 Datasheet HTML 5Page - NXP Semiconductors PCB8517 Datasheet HTML 6Page - NXP Semiconductors PCB8517 Datasheet HTML 7Page - NXP Semiconductors PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors PCB8517 Datasheet HTML 10Page - NXP Semiconductors PCB8517 Datasheet HTML 11Page - NXP Semiconductors PCB8517 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Mar 03
8
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
ROW CONTROL REGISTERS
Table 5
Column 30
Table 6
Explanation of Table 5
Note
1. When the display row is selected to be double width, only even column characters will be displayed on the screen
and the odd column characters will not appear.
Table 7
Column 31
Table 8
Explanation of Table 7
WINDOW CONTROL REGISTERS
There are three control registers for each window. Window 1 occupies columns 0 to 2 of row 10, columns 3 to 5 of
row 10 are occupied by window 2 and columns 6 to 8 of row 10 are occupied by window 3. If window overlapping occurs,
the highest priority window will cover the lowest. Window 1 has the highest priority and window 3 the lowest.
Table 9
Columns 0, 3 and 6 of row 10
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
R0
G0
B0
R1
G1
B1
CHS
CWS
BIT
NAME
DESCRIPTION
7 to 5
R0, G0, B0
colour definition of colour 0
4 to 2
R1, G1, B1
colour definition of colour 1
1
CHS
This bit defines the height of the display character; when CHS = 1 double height is
selected.
0
CWS
This bit defines the width of the display character; when CWS = 1 double width(1) is
selected.
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
R2
G2
B2
R3
G3
B3
reserved
BIT
NAME
DESCRIPTION
7 to 5
R2, G2, B2
colour definition of colour 2
4 to 2
R3, G3, B3
colour definition of colour 3
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MSB
row start address
LSB
MSB
row end address
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com