Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB8517 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 7Page - NXP Semiconductors PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors PCB8517 Datasheet HTML 10Page - NXP Semiconductors PCB8517 Datasheet HTML 11Page - NXP Semiconductors PCB8517 Datasheet HTML 12Page - NXP Semiconductors PCB8517 Datasheet HTML 13Page - NXP Semiconductors PCB8517 Datasheet HTML 14Page - NXP Semiconductors PCB8517 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Mar 03
11
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
Table 21 The repeat line of character
Note
1. V indicates which line of the character will be repeated one more time.
Table 22 Column 12 of row 10
Table 23 Explanation of Table 22
CH5 to CH0
LINE NUMBER(1)
0123456789
10
11
12
13
14
15
CH0 = 1
−−−−−−−−
V
−−−−−−−
CH1 = 1
−−−−
V
−−−−−−−
V
−−−
CH2 = 1
−−
V
−−−
V
−−−
V
−−−
V
−
CH4 = 1
−
V
−
V
−
V
−
V
−
V
−
V
−
V
−
V
CH5 and CH4 = 0X
all sixteen lines scanned once
CH5 and CH4 = 10
all sixteen lines scanned twice
CH5 and CH4 = 11
all sixteen lines scanned three times
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OSDEN
BSEN
SHSE
reserved
FBC
BIT
NAME
DESCRIPTION
7
OSDEN
The OSD circuit is active when this bit is set to logic 1. The outputs of R, G, B and FB
will be high impedance when OSD is disabled.
6
BSEN
The bordering or shadowing effect is enabled when this bit is set to logic 1.
5
SHSE
The shadowing of characters is selected if this bit is set to logic 1, otherwise bordering
of characters is chosen.
0
FBC
This bit defines the output configuration of the FB pin. If this bit is set to logic 0, then the
output of FB will be logic HIGH when displaying character or window, otherwise the
output of FB is logic HIGH only when displaying characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com