Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5032 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD5032 Datasheet HTML 1Page - NXP Semiconductors PCD5032 Datasheet HTML 2Page - NXP Semiconductors PCD5032 Datasheet HTML 3Page - NXP Semiconductors PCD5032 Datasheet HTML 4Page - NXP Semiconductors PCD5032 Datasheet HTML 5Page - NXP Semiconductors PCD5032 Datasheet HTML 6Page - NXP Semiconductors PCD5032 Datasheet HTML 7Page - NXP Semiconductors PCD5032 Datasheet HTML 8Page - NXP Semiconductors PCD5032 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Apr 03
5
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
6
PINNING
SYMBOL
PIN(1)(2)
TYPE
DESCRIPTION
QFP44
SO28
RESET
1
4
I
reset input; active HIGH
n.c.
2
−−
not connected
RPE
3
5
O
receiver PCM output enable (active LOW); direction from ADPCM
interface to earpiece
RPI
4
6
I
receiver PCM input; direction from ADPCM interface to earpiece
n.c.
5
−−
not connected
PO
6
7
O
PCM data output
n.c.
7
−−
not connected
TPI
8
8
I
transmitter PCM input; direction from microphone to ADPCM interface
TPE
9
9
O
transmitter PCM output enable (active LOW);
direction from microphone to ADPCM interface
n.c.
10
−−
not connected
SCL
11
10
I
serial clock input; I2C-bus
SDA
12
11
I
serial data input; I2C-bus
n.c.
13
−−
not connected
A0
14
12
I
address select input; I2C-bus
TM+
15
13
I
transmitter audio positive input (microphone)
n.c.
16
−−
not connected
TM
−
17
14
I
transmitter audio negative input (microphone)
n.c.
18
−−
not connected
VREF−
19
15
O
negative reference voltage output; internally generated, intended for
electret microphone supply
VREF+
20
16
O
positive reference voltage output; internally generated, intended for
electret microphone supply
n.c.
21
−−
not connected
VGA
22
17
O
analog signal ground output
RE
−
23
18
O
receiver audio negative output (earpiece)
n.c.
24
−−
not connected
RE+
25
19
O
receiver audio positive output (earpiece)
VDD
26
20
P
positive supply voltage (2.7 V to 5.5 V)
n.c.
27
−−
not connected
VSS
28
21
P
negative supply voltage (0 V)
n.c.
29
−−
not connected
TEST
30
22
I
test mode input; to be connected to VSS in normal application
BZ
−
31
23
O
ringer negative output
n.c.
32
−−
not connected
BZ+
33
24
O
ringer positive output
CLK
34
25
I
clock input
n.c.
35
−−
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com