Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5032 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 7Page - NXP Semiconductors PCD5032 Datasheet HTML 8Page - NXP Semiconductors PCD5032 Datasheet HTML 9Page - NXP Semiconductors PCD5032 Datasheet HTML 10Page - NXP Semiconductors PCD5032 Datasheet HTML 11Page - NXP Semiconductors PCD5032 Datasheet HTML 12Page - NXP Semiconductors PCD5032 Datasheet HTML 13Page - NXP Semiconductors PCD5032 Datasheet HTML 14Page - NXP Semiconductors PCD5032 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Apr 03
11
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
Table 2
Overview of gain control options
7.2.2
SIDETONE
With the I2C-bus interface the (local) sidetone level can be
set to
−12, −18, −24 dB, or switched off. See Table 3.
The sidetone level is independent of the receiver volume
control setting.
7.2.3
TONE GENERATOR AND RINGER
The PCD5032 contains a programmable tone generator
which can be used for generating ringer tones (BZ+, BZ
−)
or local information tones in the receive path (RE+, RE
−).
By setting the TONE bit (bit 3) in the operation mode
register, the tone output will be directed to the receiver
DAC, otherwise the tones will be sent to the ringer output
stage. Table 4 shows the possible frequency and volume
settings.
FUNCTION
I2C-CODE
GAIN
NOTE
Receiver
gain (relative)
01XXX101
−3dB
01XXX110
−2dB
01XXX111
−1dB
01XXX000
0 dB
default
01XXX001
+1 dB
01XXX010
+2 dB
01XXX011
+3 dB
01XXX100
+4 dB
Receiver
volume
01000XXX
0 dB
default
01001XXX
−6dB
01010XXX
−12 dB
01011XXX
−18 dB
01100XXX
−24 dB
01101XXX
−30 dB
01110XXX
−36 dB
01111XXX
RX MUTE
Transmitter
gain (relative)
10XXX101
−3dB
10XXX110
−2dB
10XXX111
−1dB
10XXX000
0 dB
default
10XXX001
+1 dB
10XXX010
+2 dB
10XXX011
+3 dB
10XXX100
+4 dB
Transmitter
mute
10XX1XXX
TX MUTE
default OFF
Table 3
Sidetone level options
Table 4
Tone output frequency/volume options
The ringer output (BZ) is differential and is intended for
low-ohmic devices. If the ringer is switched off then both
outputs are low. The output signal is a pulse density
modulated block wave (on a 32 kHz basic pulse rate) to
generate a sinewave-like output signal, see Fig.9. Volume
is controlled by changing the pulse width of each pulse.
In the square wave mode a full square wave is generated
and results in the maximum volume. The volume settings
(in dB) are given for the first harmonic signal component.
FUNCTION
I2C-CODE
OPTION
NOTE
Sidetone
1000XXXX
No local
sidetone
default
1001XXXX
Level =
−12 dB
1010XXXX
Level =
−18 dB
1011XXXX
Level =
−24 dB
FUNCTION
I2C-CODE
OPTION
NOTE
Volume
(relative)
11XXX000
Signal off
default
11XXX001
−29 dB
sinewave
11XXX010
−23 dB
sinewave
11XXX011
−17 dB
sinewave
11XXX100
−11 dB
sinewave
11XXX101
−5 dB
sinewave
11XXX110
−0 dB
sinewave
11XXX111
+4 dB
squarewave
Frequency
11000XXX
400 Hz
11001XXX
421 Hz
11010XXX
444 Hz
11011XXX
800 Hz
11100XXX
1000 Hz
11101XXX
1067 Hz
11110XXX
1333 Hz
11111XXX
2000 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com