Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5032 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 2Page - NXP Semiconductors PCD5032 Datasheet HTML 3Page - NXP Semiconductors PCD5032 Datasheet HTML 4Page - NXP Semiconductors PCD5032 Datasheet HTML 5Page - NXP Semiconductors PCD5032 Datasheet HTML 6Page - NXP Semiconductors PCD5032 Datasheet HTML 7Page - NXP Semiconductors PCD5032 Datasheet HTML 8Page - NXP Semiconductors PCD5032 Datasheet HTML 9Page - NXP Semiconductors PCD5032 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Apr 03
6
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
Notes
1. QFP44 package:
Pins 1, 3, 4, 6, 8, 9, 11, 12, 14, 30, 34, 36, 37, 39, 41, 42 and 44 are digital pins.
Pins 15, 17, 23, 25, 31 and 33 are analog pins.
Pins 19, 20, 22, 26, and 28 are general pins.
2. SO28 package:
Pins 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 22, 25, 26, 27 and 28 are digital pins.
Pins 13, 14, 18, 19, 23 and 24 are analog pins.
Pins 15, 16, 17, 20 and 21 are general pins.
DCLK
36
26
I
data clock input (ADPCM)
TAD
37
27
O
transmitter ADPCM data output; direction from microphone to ADPCM
interface
n.c.
38
−−
not connected
TAS
39
28
I
transmitter ADPCM sync input; direction from microphone to ADPCM
interface
n.c.
40
−−
not connected
RAS
41
1
I
receiver ADPCM sync input; direction from ADPCM interface to
earpiece
RAD
42
2
I
receiver ADPCM data input; direction from ADPCM interface to
earpiece
n.c.
43
−−
not connected
RFM
44
3
I
receiver fast mute input; direction from ADPCM interface to earpiece
SYMBOL
PIN(1)(2)
TYPE
DESCRIPTION
QFP44
SO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com