Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD8544 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 15Page - NXP Semiconductors PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors PCD8544 Datasheet HTML 19Page - NXP Semiconductors PCD8544 Datasheet HTML 20Page - NXP Semiconductors PCD8544 Datasheet HTML 21Page - NXP Semiconductors PCD8544 Datasheet HTML 22Page - NXP Semiconductors PCD8544 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
1999 Apr 12
19
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
Notes
1. The maximum possible VLCD voltage that may be generated is dependent on voltage, temperature and (display) load.
2. Internal clock.
3. RAM contents equal ‘0’. During power-down, all static currents are switched off.
4. If external VLCD, the display load current is not transmitted to IDD.
5. Tolerance depends on the temperature (typically zero at 27
°C, maximum tolerance values are measured at the
temperate range limit).
LCD supply voltage generator
VLCD
VLCD tolerance internally
generated
VDD = 2.85 V; VLCD = 7.0 V;
fSCLK =0;
display load = 10
µA; note 5
−
0
300
mV
TC0
VLCD temperature coefficient 0
VDD = 2.85 V; VLCD = 7.0 V;
fSCLK =0;
display load = 10
µA
−
1
−
mV/K
TC1
VLCD temperature coefficient 1
VDD = 2.85 V; VLCD = 7.0 V;
fSCLK =0;
display load = 10
µA
−
9
−
mV/K
TC2
VLCD temperature coefficient 2
VDD = 2.85 V; VLCD = 7.0 V;
fSCLK =0;
display load = 10
µA
−
17
−
mV/K
TC3
VLCD temperature coefficient 3
VDD = 2.85 V; VLCD = 7.0 V;
fSCLK =0;
display load = 10
µA
−
24
−
mV/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com