Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD8544 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD8544 Datasheet HTML 1Page - NXP Semiconductors PCD8544 Datasheet HTML 2Page - NXP Semiconductors PCD8544 Datasheet HTML 3Page - NXP Semiconductors PCD8544 Datasheet HTML 4Page - NXP Semiconductors PCD8544 Datasheet HTML 5Page - NXP Semiconductors PCD8544 Datasheet HTML 6Page - NXP Semiconductors PCD8544 Datasheet HTML 7Page - NXP Semiconductors PCD8544 Datasheet HTML 8Page - NXP Semiconductors PCD8544 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
1
FEATURES
• Single chip LCD controller/driver
• 48 row, 84 column outputs
• Display data RAM 48 × 84 bits
• On-chip:
– Generation of LCD supply voltage (external supply
also possible)
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components (external
clock also possible).
• External RES (reset) input pin
• Serial interface maximum 4.0 Mbits/s
• CMOS compatible inputs
• Mux rate: 48
• Logic supply voltage range VDD to VSS: 2.7 to 3.3 V
• Display supply voltage range VLCD to VSS
– 6.0 to 8.5 V with LCD voltage internally generated
(voltage generator enabled)
– 6.0 to 9.0 V with LCD voltage externally supplied
(voltage generator switched-off).
• Low power consumption, suitable for battery operated
systems
• Temperature compensation of VLCD
• Temperature range: −25 to +70 °C.
2
GENERAL DESCRIPTION
The PCD8544 is a low power CMOS LCD controller/driver,
designed to drive a graphic display of 48 rows and
84 columns. All necessary functions for the display are
provided in a single chip, including on-chip generation of
LCD supply and bias voltages, resulting in a minimum of
external components and low power consumption.
The PCD8544 interfaces to microcontrollers through a
serial bus interface.
The PCD8544 is manufactured in n-well CMOS
technology.
3
APPLICATIONS
• Telecommunications equipment.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD8544U
−
chip with bumps in tray; 168 bonding pads + 4 dummy pads
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com