Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD8544 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 24Page - NXP Semiconductors PCD8544 Datasheet HTML 25Page - NXP Semiconductors PCD8544 Datasheet HTML 26Page - NXP Semiconductors PCD8544 Datasheet HTML 27Page - NXP Semiconductors PCD8544 Datasheet HTML 28Page - NXP Semiconductors PCD8544 Datasheet HTML 29Page - NXP Semiconductors PCD8544 Datasheet HTML 30Page - NXP Semiconductors PCD8544 Datasheet HTML 31Page - NXP Semiconductors PCD8544 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
1999 Apr 12
29
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
15 TRAY INFORMATION
Fig.20 Tray details.
handbook, full pagewidth
MGL646
D
C
A
x
y
F
E
B
For the dimensions of x, y and A to F, see Table 8.
Fig.21 Tray alignment.
The orientation of the IC in a pocket is indicated by the
position of the IC type name on the die surface with
respect to the chamfer on the upper left corner of the tray.
Refer to the bonding pad location diagram for the
orientation and position of the type name on the die
surface.
handbook, halfpage
MGL647
Table 8
Dimensions
DIM.
DESCRIPTION
VALUE
A
pocket pitch, in the x direction
14.82 mm
B
pocket pitch, in the y direction
4.39 mm
C
pocket width, in the x direction
13.27 mm
D
pocket width, in the y direction
2.8 mm
E
tray width, in the x direction
50.67 mm
F
tray width, in the y direction
50.67 mm
x
no. of pockets in the x direction
3
y
no. of pockets in the y direction
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com