Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD8544 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors PCD8544 Datasheet HTML 19Page - NXP Semiconductors PCD8544 Datasheet HTML 20Page - NXP Semiconductors PCD8544 Datasheet HTML 21Page - NXP Semiconductors PCD8544 Datasheet HTML 22Page - NXP Semiconductors PCD8544 Datasheet HTML 23Page - NXP Semiconductors PCD8544 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
1999 Apr 12
20
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
12 AC CHARACTERISTICS
Notes
1.
2. RES may be LOW before VDD goes HIGH.
3. th5 is the time from the previous SCLK positive edge (irrespective of the state of SCE) to the negative edge of SCE
(see Fig.15).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fOSC
oscillator frequency
20
34
65
kHz
fclk(ext)
external clock frequency
10
32
100
kHz
fframe
frame frequency
fOSC or fclk(ext) = 32 kHz; note 1
−
67
−
Hz
tVHRL
VDD to RES LOW
Fig.16
0(2)
−
30
ms
tWL(RES)
RES LOW pulse width
Fig.16
100
−−
ns
Serial bus timing characteristics
fSCLK
clock frequency
VDD = 3.0 V ±10%
0
−
4.00
MHz
Tcy
clock cycle SCLK
All signal timing is based on
20% to 80% of VDD and
maximum rise and fall times of
10 ns
250
−−
ns
tWH1
SCLK pulse width HIGH
100
−−
ns
tWL1
SCLK pulse width LOW
100
−−
ns
tsu2
SCE set-up time
60
−−
ns
th2
SCE hold time
100
−−
ns
tWH2
SCE min. HIGH time
100
−−
ns
th5
SCE start hold time; note 3
100
−−
ns
tsu3
D/C set-up time
100
−−
ns
th3
D/C hold time
100
−−
ns
tsu4
SDIN set-up time
100
−−
ns
th4
SDIN hold time
100
−−
ns
T
frame
f
clk ext
()
480
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com