Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 49Page - STMicroelectronics ST10F276_06 Datasheet HTML 50Page - STMicroelectronics ST10F276_06 Datasheet HTML 51Page - STMicroelectronics ST10F276_06 Datasheet HTML 52Page - STMicroelectronics ST10F276_06 Datasheet HTML 53Page - STMicroelectronics ST10F276_06 Datasheet HTML 54Page - STMicroelectronics ST10F276_06 Datasheet HTML 55Page - STMicroelectronics ST10F276_06 Datasheet HTML 56Page - STMicroelectronics ST10F276_06 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 229 page
background image
ST10F276
Bootstrap loader
53/229
5.2.7
Exiting bootstrap loader mode
To execute a program in normal mode, the BSL mode must first be terminated. The
ST10F276 exits BSL mode at a software reset (level on P0L.4 is ignored) or a hardware
reset (P0L.4 must be high in this case). After the reset, the ST10F276 starts executing from
location 00’0000H of the internal Flash (User Flash) or the external memory, as programmed
via pin EA.
Note:
If a bidirectional Software Reset is executed and external memory boot is selected (EA =0),
a degeneration of the Software Reset event into a Hardware Reset can occur (refer to
section for details). This implies that P0L.4 becomes transparent, so to exit from Bootstrap
mode it would be necessary to release pin P0L.4 (it is no longer ignored).
5.2.8
Hardware requirements
Although the new bootstrap loader is designed to be compatible with the old bootstrap
loader, there are a few hardware requirements relative to the new bootstrap loader:
–
External Bus configuration: Must have four or less segment address lines (keep
CAN I/Os available);
–
Usage of CAN pins (P4.5 and P4.6): Even in bootstrap via UART, P4.5
(CAN1_RxD) can be used as Port input but not as output. The pin P4.6
(CAN1_TxD) can be used as input or output.
–
Level on UART RxD and CAN1_RxD during the bootstrap phase (see Figure 6 -
Step 2): Must be 1 (external pull-ups recommended).
5.3
Standard bootstrap with UART (RS232 or K-Line)
5.3.1
Features
ST10F276 bootstrap via UART has the same overall behavior as the old ST10 bootstrap via
UART:
●
Same bootstrapping steps;
●
Same bootstrap method: Analyze the timing of a predefined byte, send back an
acknowledge byte, load a fixed number of bytes and run;
●
Same functionalities: Boot with different crystals and PLL ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com