Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 59Page - STMicroelectronics ST10F276_06 Datasheet HTML 60Page - STMicroelectronics ST10F276_06 Datasheet HTML 61Page - STMicroelectronics ST10F276_06 Datasheet HTML 62Page - STMicroelectronics ST10F276_06 Datasheet HTML 63Page - STMicroelectronics ST10F276_06 Datasheet HTML 64Page - STMicroelectronics ST10F276_06 Datasheet HTML 65Page - STMicroelectronics ST10F276_06 Datasheet HTML 66Page - STMicroelectronics ST10F276_06 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 229 page
background image
ST10F276
Bootstrap loader
63/229
5.4.6
Computing the baud rate error
Considering the following conditions, a computation of the error is given as an example.
●
CPU frequency: 20 MHz
●
Target Bit Rate: 1 Mbit/s
In these conditions, the content of PT0 timer for 29 bits should be:
Therefore:
574 < [PT0] < 586
This gives:
BRP = 0
tq = 100 ns
Computation of 1 + Tseg1 + Tseg2: Considering the equation:
[PT0] = 58 x (1 + BRP) x (1 + Tseg1 + Tseg2)
Thus:
In the algorithm, a rounding up to the superior value is made if the remainder of the division
is greater than half of the divisor. This would have been the case if the PT0 content was 574.
Thus, in this example the result is 1 + Tseg1 + Tseg2 = 10, giving a bit time of exactly 1
µs
=> no error in bit rate.
Note:
In most cases (24 MHz, 32 MHz, 40 MHz of CPU frequency and 125, 250, 500 or 1Mb/s of
bit rate), there is no error. Nevertheless, it is better to check for an error with the real
application parameters.
The content of the bit timing register is: 0x1640. This gives a sample point at 80%.
Note:
The (Re)Synchronization Jump Width is fixed to 2 time quanta.
5.4.7
Bootstrap via CAN
After the bootstrap phase, the ST10F276 CAN module is configured as follows:
●
The pin P4.6 is configured as output (the latch value is ‘1’ = recessive) to assume
CAN1_TxD function.
●
The MO2 is configured to output the acknowledge of the bootstrap with the standard
identifier E6h, a DLC of 3 and Data0 = D5h, Data1 and 2 = IDCHIP.
●
The MO1 is configured to receive messages with the standard identifier 5h. Its
acceptance mask is set to ensure that all bits match. The DLC received is not checked:
The ST10 expects only 1 byte of data at a time.
No other message is sent by the ST10F276 after the acknowledge.
Note:
The CAN boot waits for 128 bytes of data instead of 32 bytes (see UART boot). This is done
to allow the User to reconfigure the CAN bit rate as soon as possible.
PT0
[]
29 Fcpu
×
BitRate
---------------------------
29
20
×
6
×
110
6
×
-----------------------------
580
=
=
=
9
574
58
---------- Tseg1 Tseg2 586
58
----------10
=
≤
+
≤
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com