Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 61Page - STMicroelectronics ST10F276_06 Datasheet HTML 62Page - STMicroelectronics ST10F276_06 Datasheet HTML 63Page - STMicroelectronics ST10F276_06 Datasheet HTML 64Page - STMicroelectronics ST10F276_06 Datasheet HTML 65Page - STMicroelectronics ST10F276_06 Datasheet HTML 66Page - STMicroelectronics ST10F276_06 Datasheet HTML 67Page - STMicroelectronics ST10F276_06 Datasheet HTML 68Page - STMicroelectronics ST10F276_06 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 229 page
background image
ST10F276
Bootstrap loader
65/229
5.5.2
Hardware aspects
Although the new bootstrap loader is designed to be compatible with the old bootstrap
loader, there are a few hardware requirements for the new bootstrap loader as summarized
in Table 34.
5.6
Alternate boot mode (ABM)
5.6.1
Activation
Alternate boot is activated with the combination ‘01’ on Port0L[5..4] at the rising edge of
RSTIN.
5.6.2
Memory mapping
The ST10F276 has the same memory mapping for standard boot mode and for alternate
boot mode:
●
Test-Flash: Mapped from 00’0000h. The Standard Bootstrap Loader can be started by
executing a jump to the address of this routine (JMPS 00’xxxx; address to be defined).
●
User Flash: The User Flash is divided in two parts: The IFLASH, visible only for
memory reads and memory writes (no code fetch) and the XFLASH, visible for any
ST10 access (memory read, memory write and code fetch).
●
All ST10F276 XRAM and Xperipherals modules can be accessed if enabled in
XPERCON register.
Note:
The alternate boot mode can be used to reprogram the whole content of the ST10F276
User Flash (except Block 0 in Bank 2, where the alternate boot is mapped into).
5.6.3
Interrupts
The ST10 interrupt vector table is always mapped from address 00’0000h.
As a consequence, interrupts are not allowed in Alternate Boot Mode; all maskable and
nonmaskable interrupts must be disabled.
Table 34.
Hardware topics summary
Actual bootstrap loader
New bootstrap loader
Comments
P4.5 can be used as output in
BSL mode.
P4.5 cannot be used as user output
in BSL mode, but only as CAN1_RxD
or input or address segments.
Level on CAN1_RxD can
change during boot Step 2.
Level on CAN1_RxD must be stable
at ‘1’ during boot Step 2.
External pull-up on P4.5
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com