Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 64Page - STMicroelectronics ST10F276_06 Datasheet HTML 65Page - STMicroelectronics ST10F276_06 Datasheet HTML 66Page - STMicroelectronics ST10F276_06 Datasheet HTML 67Page - STMicroelectronics ST10F276_06 Datasheet HTML 68Page - STMicroelectronics ST10F276_06 Datasheet HTML 69Page - STMicroelectronics ST10F276_06 Datasheet HTML 70Page - STMicroelectronics ST10F276_06 Datasheet HTML 71Page - STMicroelectronics ST10F276_06 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 229 page
background image
Bootstrap loader
ST10F276
68/229
5.6.11
Internal decoding of test modes
The test mode decoding logic is located inside the ST10F276 Bus Controller.
The decoding is as follows:
●
Alternate Boot Mode decoding: (P0L.5 & P0L.4)
●
Standard Bootstrap decoding: (P0L.5 & P0L.4)
●
Normal operation: (P0L.5 & P0L.4)
The other configurations select ST internal test modes.
5.6.12
Example
In the following example, Alternate Boot Mode works as follows:
–
On rising edge of RSTIN pin, the reset configuration is latched.
●
If Bootstrap Loader mode is not enabled (P0L[5..4] = ‘11’), ST10F276 hardware
proceeds with a standard hardware reset procedure.
●
If standard Bootstrap Loader is enabled (P0L[5..4] = ‘10’), the standard ST10 Bootstrap
Loader is enabled and a variable is cleared to indicate that ABM is not enabled.
●
If Alternate Boot Mode is selected (P0L[5..4] = ‘01’), then, depending on signatures
integrity checks, a predefined reset sequence is activated.
5.7
Selective boot mode
The selective boot is a subcase of the Alternate Boot Mode. When none of the signatures
are correct, instead of executing the standard bootstrap loader (triggered by P0L.4 low at
reset), an additional check is made.
Address 00’1FFCh is read again with the following behavior:
●
If value is 0000h or FFFFh, a jump is performed to the standard bootstrap loader.
●
Otherwise:
–
High byte is disregarded.
–
Low byte bits select which communication channel is enabled.
Table 36.
ABM bit description
Bit
Function
ABM
ABM Flag (or TMOD3)
‘0’: Alternate Boot Mode is not selected by reset configuration on P0L[5..4]
‘1’: Alternate Boot Mode is selected by reset configuration on P0L[5..4]: This bit is
set if P0L[5..4] = ‘01’ during hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com