Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 143Page - STMicroelectronics ST10F276_06 Datasheet HTML 144Page - STMicroelectronics ST10F276_06 Datasheet HTML 145Page - STMicroelectronics ST10F276_06 Datasheet HTML 146Page - STMicroelectronics ST10F276_06 Datasheet HTML 147Page - STMicroelectronics ST10F276_06 Datasheet HTML 148Page - STMicroelectronics ST10F276_06 Datasheet HTML 149Page - STMicroelectronics ST10F276_06 Datasheet HTML 150Page - STMicroelectronics ST10F276_06 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 229 page
background image
ST10F276
Register set
147/229
ADDAT2
F0A0h E
50h
A/D converter 2 result register
0000h
SSCTB
F0B0h E
58h
SSC transmit buffer (write-only)
0000h
SSCRB
F0B2h E
59h
SSC receive buffer (read-only)
XXXXh
SSCBR
F0B4h E
5Ah
SSC baud rate register
0000h
DP0L
b
F100h
E
80h
P0L direction control register
- - 00h
DP0H
b
F102h
E
81h
P0H direction control register
- - 00h
DP1L
b
F104h
E
82h
P1L direction control register
- - 00h
DP1H
b
F106h
E
83h
P1H direction control register
- - 00h
RP0H
b
F108h
E
84h
System start-up configuration register (read-only)
- - XXh
CC16IC b
F160h
E
B0h
CAPCOM register 16 interrupt control register
- - 00h
CC17IC b
F162h
E
B1h
CAPCOM register 17 interrupt control register
- - 00h
CC18IC b
F164h
E
B2h
CAPCOM register 18 interrupt control register
- - 00h
CC19IC b
F166h
E
B3h
CAPCOM register 19 interrupt control register
- - 00h
CC20IC b
F168h
E
B4h
CAPCOM register 20 interrupt control register
- - 00h
CC21IC b
F16Ah E
B5h
CAPCOM register 21 interrupt control register
- - 00h
CC22IC b
F16Ch E
B6h
CAPCOM register 22 interrupt control register
- - 00h
CC23IC b
F16Eh E
B7h
CAPCOM register 23 interrupt control register
- - 00h
CC24IC b
F170h
E
B8h
CAPCOM register 24 interrupt control register
- - 00h
CC25IC b
F172h
E
B9h
CAPCOM register 25 interrupt control register
- - 00h
CC26IC b
F174h
E
BAh
CAPCOM register 26 interrupt control register
- - 00h
CC27IC b
F176h
E
BBh
CAPCOM register 27 interrupt control register
- - 00h
CC28IC b
F178h
E
BCh
CAPCOM register 28 interrupt control register
- - 00h
T7IC b
F17Ah E
BDh
CAPCOM timer 7 interrupt control register
- - 00h
T8IC b
F17Ch E
BEh
CAPCOM timer 8 interrupt control register
- - 00h
PWMIC b
F17Eh E
BFh
PWM module interrupt control register
- - 00h
CC29IC b
F184h
E
C2h
CAPCOM register 29 interrupt control register
- - 00h
XP0IC b
F186h
E
C3h
See Section 8.1
- - 00h
CC30IC b
F18Ch E
C6h
CAPCOM register 30 interrupt control register
- - 00h
XP1IC b
F18Eh E
C7h
See Section 8.1
- - 00h
CC31IC b
F194h
E
CAh
CAPCOM register 31 interrupt control register
- - 00h
XP2IC b
F196h
E
CBh
See Section 8.1
- - 00h
S0TBIC b
F19Ch E
CEh
Serial channel 0 transmit buffer interrupt control
register.
- - 00h
XP3IC b
F19Eh E
CFh
See Section 8.1
- - 00h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com