Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 148Page - STMicroelectronics ST10F276_06 Datasheet HTML 149Page - STMicroelectronics ST10F276_06 Datasheet HTML 150Page - STMicroelectronics ST10F276_06 Datasheet HTML 151Page - STMicroelectronics ST10F276_06 Datasheet HTML 152Page - STMicroelectronics ST10F276_06 Datasheet HTML 153Page - STMicroelectronics ST10F276_06 Datasheet HTML 154Page - STMicroelectronics ST10F276_06 Datasheet HTML 155Page - STMicroelectronics ST10F276_06 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 229 page
background image
Register set
ST10F276
152/229
CC4IC b
FF80h
C0h
CAPCOM register 4 interrupt control register
- - 00h
CC5IC b
FF82h
C1h
CAPCOM register 5 interrupt control register
- - 00h
CC6IC b
FF84h
C2h
CAPCOM register 6 interrupt control register
- - 00h
CC7IC b
FF86h
C3h
CAPCOM register 7 interrupt control register
- - 00h
CC8IC b
FF88h
C4h
CAPCOM register 8 interrupt control register
- - 00h
CC9IC b
FF8Ah
C5h
CAPCOM register 9 interrupt control register
- - 00h
CC10IC b
FF8Ch
C6h
CAPCOM register 10 interrupt control register
- - 00h
CC11IC b
FF8Eh
C7h
CAPCOM register 11 interrupt control register
- - 00h
CC12IC b
FF90h
C8h
CAPCOM register 12 interrupt control register
- - 00h
CC13IC b
FF92h
C9h
CAPCOM register 13 interrupt control register
- - 00h
CC14IC b
FF94h
CAh
CAPCOM register 14 interrupt control register
- - 00h
CC15IC b
FF96h
CBh
CAPCOM register 15 interrupt control register
- - 00h
ADCIC b
FF98h
CCh
A/D converter end of conversion interrupt control
register
- - 00h
ADEIC b
FF9Ah
CDh
A/D converter overrun error interrupt control
register
- - 00h
T0IC b
FF9Ch
CEh
CAPCOM timer 0 interrupt control register
- - 00h
T1IC b
FF9Eh
CFh
CAPCOM timer 1 interrupt control register
- - 00h
ADCON b
FFA0h
D0h
A/D converter control register
0000h
P5
b
FFA2h
D1h
Port 5 register (read-only)
XXXXh
P5DIDIS b
FFA4h
D2h
Port 5 digital disable register
0000h
TFR b
FFACh
D6h
Trap flag register
0000h
WDTCON b
FFAEh
D7h
Watchdog timer control register
00xxh
S0CON b
FFB0h
D8h
Serial channel 0 control register
0000h
SSCCON b
FFB2h
D9h
SSC control register
0000h
P2
b
FFC0h
E0h
Port 2 register
0000h
DP2 b
FFC2h
E1h
Port 2 direction control register
0000h
P3
b
FFC4h
E2h
Port 3 register
0000h
DP3 b
FFC6h
E3h
Port 3 direction control register
0000h
P4
b
FFC8h
E4h
Port 4 register (8-bit)
- - 00h
DP4 b
FFCAh
E5h
Port 4 direction control register
- - 00h
P6
b
FFCCh
E6h
Port 6 register (8-bit)
- - 00h
DP6 b
FFCEh
E7h
Port 6 direction control register
- - 00h
P7
b
FFD0h
E8h
Port 7 register (8-bit)
- - 00h
DP7 b
FFD2h
E9h
Port 7 direction control register
- - 00h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com