Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 174Page - STMicroelectronics ST10F276_06 Datasheet HTML 175Page - STMicroelectronics ST10F276_06 Datasheet HTML 176Page - STMicroelectronics ST10F276_06 Datasheet HTML 177Page - STMicroelectronics ST10F276_06 Datasheet HTML 178Page - STMicroelectronics ST10F276_06 Datasheet HTML 179Page - STMicroelectronics ST10F276_06 Datasheet HTML 180Page - STMicroelectronics ST10F276_06 Datasheet HTML 181Page - STMicroelectronics ST10F276_06 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 229 page
background image
Electrical characteristics
ST10F276
178/229
23.4
Parameter interpretation
The parameters listed in the following tables represent the characteristics of the ST10F276
and its demands on the system.
Where the ST10F276 logic provides signals with their respective timing characteristics, the
symbol “CC” (Controller Characteristics) is included in the “Symbol” column. Where the
external system must provide signals with their respective timing characteristics to the
ST10F276, the symbol “SR” (System Requirement) is included in the “Symbol” column.
23.5
DC characteristics
VDD = 5V ± 10%, VSS = 0V, TA = –40 to +125°C
Table 89.
Package characteristics
Package
Operating temperature
CPU frequency range
Die
- 40 / +125°C
1 – 64 MHz
PQFP 144
LQFP 144
1 – 40 MHz
LQFP 144
-40/+105°C
1 – 48 MHz
Table 90.
DC characteristics
Symbol
Parameter
Test Condition
Limit values
Unit
Min.
Max.
VIL
SR
Input low voltage (TTL mode)
(except RSTIN, EA, NMI, RPD,
XTAL1, READY)
–
– 0.3
0.8
V
VILS
SR
Input low voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD,
XTAL1, READY)
–
– 0.3
0.3 VDD
VIL1
SR
Input low voltage RSTIN, EA, NMI,
RPD
–
– 0.3
0.3 VDD
VIL2
SR
Input low voltage XTAL1
(CMOS only)
Direct drive
mode
– 0.3
0.3 VDD
VIL3
SR
Input low voltage READY
(TTL only)
–
– 0.3
0.8
VIH
SR
Input high voltage (TTL mode)
(except RSTIN, EA, NMI, RPD,
XTAL1)
–2.0
VDD + 0.3
VIHS
SR
Input high voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD,
XTAL1)
–
0.7 VDD
VDD + 0.3
VIH1
SR
Input high voltage RSTIN, EA,
NMI, RPD
–
0.7 VDD
VDD + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com