Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 179Page - STMicroelectronics ST10F276_06 Datasheet HTML 180Page - STMicroelectronics ST10F276_06 Datasheet HTML 181Page - STMicroelectronics ST10F276_06 Datasheet HTML 182Page - STMicroelectronics ST10F276_06 Datasheet HTML 183Page - STMicroelectronics ST10F276_06 Datasheet HTML 184Page - STMicroelectronics ST10F276_06 Datasheet HTML 185Page - STMicroelectronics ST10F276_06 Datasheet HTML 186Page - STMicroelectronics ST10F276_06 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 229 page
background image
ST10F276
Electrical characteristics
183/229
23.6
Flash characteristics
VDD = 5V ± 10%, VSS = 0V
Table 91.
Flash characteristics
Parameter
Typical
TA = 25°C
Maximum
TA = 125°C
Unit
Notes
0 cycles (1)
0 cycles (1)
100k cycles
Word program (32-bit)(2)
35
80
290
µs–
Double word program
(64-bit)(2)
60
150
570
µs–
Bank 0 program (384K)
(double word program)
2.9
7.4
28.0
s
–
Bank 1 program (128K)
(double word program)
1.0
2.5
9.3
s
–
Bank 2 program (192K)
(double word program)
1.5
3.7
14.0
s
–
Bank 3 program (128K)
(double word program)
1.0
2.5
9.3
s
–
Sector erase (8K)
0.6
0.5
0.9
0.8
1.0
0.9
s
not preprogrammed
preprogrammed
Sector erase (32K)
1.1
0.8
2.0
1.8
2.7
2.5
s
not preprogrammed
preprogrammed
Sector erase (64K)
1.7
1.3
3.7
3.3
5.1
4.7
s
not preprogrammed
preprogrammed
Bank 0 erase (384K) (3)
8.2
5.8
20.2
17.7
28.6
26.1
s
not preprogrammed
preprogrammed
Bank 1 erase (128K) (3)
3.0
2.2
7.0
6.2
9.8
9.0
s
not preprogrammed
preprogrammed
Bank 2 erase (192K) (3)
4.3
3.1
10.3
9.1
14.5
13.3
s
not preprogrammed
preprogrammed
Bank 3 erase (128K) (3)
3.0
2.2
7.0
6.2
9.8
9.0
s
not preprogrammed
preprogrammed
I-Module erase (512K)(4)
11.2
7.6
27.2
23.5
38.4
34.7
s
not preprogrammed
preprogrammed
X-Module erase (320K)(4)
7.3
4.9
17.3
14.8
24.3
21.8
s
not preprogrammed
preprogrammed
Chip erase (832K) (5)
18.5
12.0
44.4
37.9
62.6
56.1
s
not preprogrammed
preprogrammed
Recovery from
power-down (tPD)
–40
40
µs
(6)
Program suspend
latency(6)
–10
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com