Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 195Page - STMicroelectronics ST10F276_06 Datasheet HTML 196Page - STMicroelectronics ST10F276_06 Datasheet HTML 197Page - STMicroelectronics ST10F276_06 Datasheet HTML 198Page - STMicroelectronics ST10F276_06 Datasheet HTML 199Page - STMicroelectronics ST10F276_06 Datasheet HTML 200Page - STMicroelectronics ST10F276_06 Datasheet HTML 201Page - STMicroelectronics ST10F276_06 Datasheet HTML 202Page - STMicroelectronics ST10F276_06 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 229 page
background image
ST10F276
Electrical characteristics
199/229
Example 2
–FXTAL = 8 MHz
–
P0(15:13) = ‘100’ (multiplication by 5)
–
PLL input frequency = 2 MHz
–
VCO frequency = 80 MHz
–
PLL output frequency = 40 MHz (VCO frequency divided by 2)
–FCPU = 40 MHz (no effect of output prescaler)
23.8.9
PLL Jitter
Two kinds of PLL jitter are defined:
●
Self referred single period jitter
Also called "Period Jitter", it can be defined as the difference of the Tmax and Tmin,
where Tmax is the maximum time period of the PLL output clock and Tmin is the
minimum time period of the PLL output clock.
●
Self referred long term jitter
Also called "N period jitter", it can be defined as the difference of Tmax and Tmin, where
Tmax is the maximum time difference between N + 1 clock rising edges and Tmin is the
minimum time difference between N + 1 clock rising edges. Here N should be kept
sufficiently large to have the long term jitter. For N = 1, this becomes the single period
jitter.
Jitter at the PLL output is caused by:
●
Jitter in the input clock
●
Noise in the PLL loop
23.8.10
Jitter in the input clock
PLL acts like a low pass filter for any jitter in the input clock. Input Clock jitter with the
frequencies within the PLL loop bandwidth is passed to the PLL output and higher frequency
jitter (frequency > PLL bandwidth) is attenuated at 20dB/decade.
23.8.11
Noise in the PLL loop
This condition again is attributed to the following sources:
●
Device noise of the circuit in the PLL
●
Noise in supply and substrate
Device noise of the circuit in the PLL
Long term jitter is inversely proportional to the bandwidth of the PLL: The wider the loop
bandwidth, the lower the jitter due to noise in the loop. Moreover, long term jitter is
practically independent of the multiplication factor.
The most noise sensitive circuit in the PLL circuit is definitely the VCO (Voltage Controlled
Oscillator). There are two main sources of noise: Thermal (random noise, frequency
independent thus practically white noise) and flicker (low frequency noise, 1/f). For the
frequency characteristics of the VCO circuitry, the effect of the thermal noise results in a 1/f2
region in the output noise spectrum, while the flicker noise in a 1/f3. Assuming a noiseless
PLL input and supposing that the VCO is dominated by its 1/f2 noise, the R.M.S. value of the
accumulated jitter is proportional to the square root of N, where N is the number of clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com