Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 203Page - STMicroelectronics ST10F276_06 Datasheet HTML 204Page - STMicroelectronics ST10F276_06 Datasheet HTML 205Page - STMicroelectronics ST10F276_06 Datasheet HTML 206Page - STMicroelectronics ST10F276_06 Datasheet HTML 207Page - STMicroelectronics ST10F276_06 Datasheet HTML 208Page - STMicroelectronics ST10F276_06 Datasheet HTML 209Page - STMicroelectronics ST10F276_06 Datasheet HTML 210Page - STMicroelectronics ST10F276_06 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 229 page
background image
ST10F276
Electrical characteristics
207/229
t38
CC
ALE falling edge to
Latched CS
– 4 – tA
10 – tA
– 4 – tA
10 – tA
ns
t39
SR
Latched CS low to valid
data In
–
16.5 + tC+ 2tA
–
3TCL– 21+ tC+ 2tA
t40
CC
Latched CS hold after
RD, WR
27 + tF
–
3TCL – 10.5 + tF
–
t42
CC
ALE fall. edge to RdCS,
WrCS (with RW delay)
7 + tA
TCL – 5.5 + tA
t43
CC
ALE fall. edge to RdCS,
WrCS (no RW delay)
– 5.5 + tA
– 5.5 + tA
t44
CC
Address float after
RdCS, WrCS (with RW
delay)1
–
1.5
–
1.5
t45
CC
Address float after
RdCS, WrCS (no RW
delay)
14
TCL + 1.5
t46
SR
RdCS to valid data In
(with RW delay)
4 + tC
2TCL – 21 + tC
t47
SR
RdCS to valid data In
(no RW delay)
16.5 + tC
3TCL – 21 + tC
t48
CC
RdCS, WrCS low time
(with RW delay)
15.5 + tC
–
2TCL – 9.5 + tC
–
t49
CC
RdCS, WrCS low time
(no RW delay)
28 + tC
3TCL – 9.5 + tC
t50
CC Data valid to WrCS
10 + tC
2TCL – 15 + tC
t51
SR Data hold after RdCS
00
t52
SR
Data float after RdCS
(1)
–
16.5 + tF
–
2TCL – 8.5 + tF
t54
CC
Address hold after
RdCS, WrCS
6 + tF
–
2TCL – 19 + tF
–
t56
CC Data hold after WrCS
1.
Partially tested, guaranteed by design characterization.
Table 104.
Multiplexed bus (continued)
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com