Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276 Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 216Page - STMicroelectronics ST10F276_06 Datasheet HTML 217Page - STMicroelectronics ST10F276_06 Datasheet HTML 218Page - STMicroelectronics ST10F276_06 Datasheet HTML 219Page - STMicroelectronics ST10F276_06 Datasheet HTML 220Page - STMicroelectronics ST10F276_06 Datasheet HTML 221Page - STMicroelectronics ST10F276_06 Datasheet HTML 222Page - STMicroelectronics ST10F276_06 Datasheet HTML 223Page - STMicroelectronics ST10F276_06 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 229 page
background image
Electrical characteristics
ST10F276
220/229
23.8.21
External bus arbitration
VDD = 5V ±10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF
Figure 66.
External bus arbitration (releasing the bus)
1.
The ST10F276 will complete the currently running bus cycle before granting bus access.
2.
This is the first possibility for BREQ to become active.
3.
The CS outputs will be resistive high (pull-up) after t64.
Table 107.
External bus arbitration
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5ns
Variable CPU Clock
1/2 TCL = 1 to 64 MHz
Min.
Max.
Min.
Max.
t61 SR
HOLD input setup time
to CLKOUT
18.5
–
18.5
–
ns
t62 CC
CLKOUT to HLDA high
or BREQ low delay
–
12.5
–
12.5
t63 CC
CLKOUT to HLDA low
or BREQ high delay
t64 CC
CSx release 1
20
20
t65 CC
CSx drive
– 4
15
– 4
15
t66 CC
Other signals release 1
–20
–
20
t67 CC
Other signals drive
– 4
15
– 4
15
t61
t63
t66
(1)
t64
1)
2)
t62
3)
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com