Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6103 Datasheet(PDF) 28 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 28 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. VT6103 Datasheet HTML 30Page - VIA Technologies, Inc. VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-22-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Clock and Data Recovery
Clock Recovery – 100 Mbps
Clock recovery is done with a PLL. If there is no valid data
present on the TP inputs, the PLL is locked to the 25 MHz
TXC Transmit Clock. When valid data is detected on the TP
inputs with the squelch circuit and when the adaptive
equalizer has settled, the PLL input is switched to the
incoming data on the TP input.
The PLL then recovers a
clock by locking onto the transitions of the incoming signal
from the twisted pair wire.
The recovered data clock
frequency is 125 MHz and is divided down to produce a 25
MHz clock that is sent to the controller interface signal RXC
Receive Clock. The PLL can reliably perform the clock and
data recovery process with up to +/-3 ns or jitter on the TP
input. The VT6103 has an internal PLL watchdog timer that
monitors the receiver PLL output frequency. If the receive
PLL output frequency deviates from the TXC frequency by
more that 3% over a 8 us interval, the device assumes that the
receive PLL has not locked onto the TP input data properly
and the PLL is reset. The PLL is reset by switching its input
from the TP input data to the TXC for a period of 200 us to
retrain it to the 25 MHz frequency from the oscillator.
Data Recovery – 100 Mbps
Data recovery is performed by latching in valid data from the
TP receiver with the recovered clock extracted by the PLL.
When invalid data is detected on the TP input, the receive data
is held low. When valid data is detected on the TP inputs, the
clock recovery block extracts a 125 MHz clock from the data
stream from the TP receiver. This 125 MHz recovered clock
is then used to latch in valid data from the TP receiver.
Clock Recovery – 10 Mbps
The clock recovery process for 10 Mbps mode is identical to
the 100 Mbps mode except, (1) the recovered clock frequency
is a 2.5 MHz nibble clock, (2) the PLL is switched from TXC
to the TP input when the squelch indicates valid data, and (3)
the PLL takes up to 12 transitions (bit times) to lock onto the
preamble, so some of the preamble data symbols are lost, but
the clock recovery block recovers enough preamble symbols
to pass at least 6 nibbles of preamble to the receive controller
interface.
Data Recovery–10Mbps
The data recovery process for 10 Mbps mode is identical to
the 100 Mbps mode.
As mentioned in the Manchester
Decoder section, the data recovery process inherently
performs decoding of Manchester encoded data from the TP
inputs.
Scrambler / Descrambler
100 Mbps Scrambler
100Base-TX requires scrambling to reduce the radiated
emissions on the twisted pair. The VT6103 scrambler takes
the encoded data from the 4B5B encoder, scrambles it per the
IEEE 802.3TP-PMD specifications, and sends it to the TP
transmitter.
10 Mbps Scrambler
A scrambler is not used in 10 Mbps mode.
100 Mbps Descrambler
The VT6103 descrambler takes the scrambled data from the
data recovery block, descrambles it per the IEEE 802.3 TP-
PMD specifications, aligns the data on the correct 5B word
boundaries, and sends it to the 4B5B decoder. The algorithm
for synchronization of the descrambler is the same as the
algorithm outlined in the IEEE802.3 TP-PMD specification.
Once the descrambler is synchronized, it will maintain
synchronization as long as enough descrambled idle pattern
1's are detected within a given interval.
To stay in
synchronization, the descrambler needs to detect at least 25
consecutive descrambled idle pattern 1's in a 1 ms interval. If
25 consecutive descrambled idle pattern 1's are not detected
within the 1 ms interval, the descrambler goes out of
synchronization and restarts the synchronization process. If
the
descrambler
is
in
the
unsynchronized
state,
the
descrambler loss of synchronization detect bit is set in the MI
Status Output register to indicate this condition. Once this bit
is set, it will stay set until the descrambler achieves
synchronization.
The output of the descrambler is also
aligned according to the 4B/5B code groups. This alignment
procedure is done by looking for the /J/K/ symbols at the
beginning of the packet and then aligning all subsequent
4B/5B words relative to the beginning of the /J/K/ symbols.
10 Mbps Descrambler
A descrambler is not used in 10 Mbps mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com