Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6103 Datasheet(PDF) 35 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 35 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. VT6103 Datasheet HTML 33Page - VIA Technologies, Inc. VT6103 Datasheet HTML 34Page - VIA Technologies, Inc. VT6103 Datasheet HTML 35Page - VIA Technologies, Inc. VT6103 Datasheet HTML 36Page - VIA Technologies, Inc. VT6103 Datasheet HTML 37Page - VIA Technologies, Inc. VT6103 Datasheet HTML 38Page - VIA Technologies, Inc. VT6103 Datasheet HTML 39Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-29-
Application Schematics
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
VDD DECOUPLINGFOR VT6103
EEPROM
RN1 for EMI test
BOOT
ROM
Remove when not using BootROM
Optional
Optional
Optional
R1 for EMI test
EECS
MD2
MD1
MD0
-REQ
-PERR
-CBE1
AD29
AD7
AD25
-CBE2
AD27
AD19
AD5
AD1
AD17
AD10
AD31
AD12
-PRSNT2
-IRDY
AD14
-PRSNT1
-CBE3
AD21
AD3
-DEVSEL
AD8
AD23
AD18
-CBE0
AD0
AD4
AD13
AD24
-INTA
-FRAME
-PCIRST
AD15
IDSEL
-STOP
AD2
-GNT
AD20
AD16
-TRDY
-PME
AD9
PAR
AD22
AD11
AD28
AD6
AD26
AD30
PCICLK
MA14
-STOP
-GNT
AD10
AD25
-PCIRST
AD18
AD8
EECS
MD7
-CBE0
AD9
MA1
MA5
MD5
MA7
AD17
AD11
MD3
RXD2
MDIO
RXD1
AD16
MD0
MD6
AD19
AD28
RXD0
MA6
AD31
MA15
MDC
PAR
TXD2
AD5
AD26
MD2
MA3
-TRDY
RXCK
MD1
TXD1
MA4
MA9
AD1
MA12
AD12
MD4
-IRDY
-BPWR
AD13
AD14
AD30
TXEN
MA8
-DEVSEL
AD27
-REQ
AD6
AD15
MCOL
-CBE1
AD22
AD23
-CBE2
RXER
MA0
MA11
AD0
AD20
-BPCS
RXDV
MA2
MA10
PCICLK
MA13
AD24
MCRS
AD7
-PM E
-INTA
-PERR
TXD3
TXCK
AD2
AD3
AD21
RXD3
IDSEL
-CBE3
TXD0
AD29
AD4
-FRAME
-BPRD
MA0
MA7
MD7
MA5
MA8
MA1
MA14
MA2
MD0
MA4
MA10
-BPRD
MA9
MA6
MA13
MA11
MA3
-BPCS
WOL
-PHYRST1
D3V3
PCIVCC2
PCIVCC2
3V3AUX
D3V3
D3V3
D3V3
D3V3
D3V3
D3V3
D3V3
R7
10K-0603 5%
C9
0.1u
C11
0.1u
C12
0.1u
R8
2
C10
0.1u
R6
10K-0603 5%
R2
10K-0603 5%
C13
0.1u
R5
10K-0603 5%
R4
10K-0603 5%
U2
93C46-3P
3
2
1
4
8
5
6
7
DI
SK
CS
DO
VCC
GND
NC1
NC2
GF1
PCI32_62X2-UNIVERSAL
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
B32
B33
B34
B35
B36
B37
B38
B39
B40
B41
B42
B43
B44
B45
B46
B47
B48
B49
B52
B53
B54
B55
B56
B57
B58
B59
B60
B61
B62
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
A32
A33
A34
A35
A36
A37
A38
A39
A40
A41
A42
A43
A44
A45
A46
A47
A48
A49
A52
A53
A54
A55
A56
A57
A58
A59
A60
A61
A62
-12V
TCK
GND0
TDO
+5V_0
+5V_2
INTB#
INTD#
PRSNT#1
RESERVED1
PRSNT#2
RESERVED3
GND3
CLK
GND4
REQ#
I/O_2
AD31
AD29
GND5
AD27
AD25
+3.3V_1
C/BE3#
AD23
GND6
AD21
AD19
+3.3V_3
AD17
C/BE2#
GND7
IRDY#
+3.3V_5
DEVSEL#
GND8
LOCK#
PERR#
+3.3V_7
SERR#
+3.3V_8
C/BE1#
AD14
GND9
AD12
AD10
M66EN
AD8
AD7
+3.3V_11
AD5
AD3
GND11
AD1
I/O_3
ACK64#
+5V_4
+5V_6
TRST#
+12V
TMS
TDI
+5V_1
INTA#
INTC#
+5V_3
RESERVED0
I/O_0
RESERVED2
3.3VAVX
RST#
I/O_1
GNT#
GND14
PME#
AD30
+3.3V_0
AD28
AD26
GND15
AD24
IDSEL
+3.3V_2
AD22
AD20
GND16
AD18
AD16
+3.3V_4
FRAME#
GND17
TRDY#
GND18
STOP#
+3.3V_6
RESERVED4
RESERVED5
GND19
PAR
AD15
+3.3V_9
AD13
AD11
GND20
AD9
C/BE0#
+3.3V_10
AD6
AD4
GND21
AD2
AD0
I/O_4
REQ64#
+5V_5
+5V_7
R3
10K-0603 5%
R1
0
C1
0.1u
C3
0.1u
C8
0.1u
C4
0.1u
C7
0.1u
C15
0.1u
C2
0.1u
C14
0.1u
U3
29020 / 39020
5
6
7
8
9
10
11
12
13
21
22
23
24
25
26
27
28
29
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ7
CE#
A10
OE#
A11
A9
A8
A13
A14
C17
0.1u
C16
0.1u
C5
0.1u
C6
0.1u
U1
VT6103
119
120
121
122
125
126
127
128
3
5
6
7
9
10
11
12
25
26
27
28
29
30
33
34
36
37
38
40
41
42
43
44
1
14
24
35
2
15
16
17
18
19
23
114
112
113
117
118
21
8
20
32
45
56
72
73
107
108
60
59
58
55
54
53
52
51
82
81
80
79
78
77
76
71
70
69
68
67
64
63
62
61
105
106
110
47
49
65
74
116
84
85
88
89
90
91
92
93
94
97
98
99
100
101
102
111
83
109
50
48
86
95
104
123
AD31
AD30
AD29
AD28
AD27
AD26
AD25
AD24
AD23
AD22
AD21
AD20
AD19
AD18
AD17
AD16
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
CBE3#
CBE2#
CBE1#
CBE0#
IDSEL
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
PAR
PCICLK
INTA#
PCIRST#
GNT#
REQ#
PERR#
VDD1
VDD2
VDD3
VDD4
VDD5
RAMVDD
RAMVSS
VTEST
AUXRST#
MD7
MD6
MD5
MD4
MD3
MD2/EECK
MD1/EEDI
MD0/EEDO
MA15
MA14
MA13
MA12
MA11
MA10
MA9
MA8
MA7
MA6
MA5
MA4
MA3
MA2
MA1
MA0
MDC
MDIO
WOL
EECS
BPRD#
VDD6
VDD7
VDD9
MCRS
MCOL
MTXD3
MTXD2
MTXD1
MTXD0
MTXE
MTXC
MERR
MRXC
MRXDV
MRXD0
MRXD1
MRXD2
MRXD3
PME#
VDD8
PYHRST
BPCS#
BPWR#
SVDD1
SVDD2
SVDD3
VDD10
RN1
22
1
3
5
7
2
4
6
8
Figure 4. Application Schematic Example Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com