Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6103 Datasheet(PDF) 30 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 30 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 26Page - VIA Technologies, Inc. VT6103 Datasheet HTML 27Page - VIA Technologies, Inc. VT6103 Datasheet HTML 28Page - VIA Technologies, Inc. VT6103 Datasheet HTML 29Page - VIA Technologies, Inc. VT6103 Datasheet HTML 30Page - VIA Technologies, Inc. VT6103 Datasheet HTML 31Page - VIA Technologies, Inc. VT6103 Datasheet HTML 32Page - VIA Technologies, Inc. VT6103 Datasheet HTML 33Page - VIA Technologies, Inc. VT6103 Datasheet HTML 34Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-24-
Functional Description
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Twisted Pair Receiver
Receiver - 100 Mbps
The TP receiver detects input signals from the twisted pair
input and converts them to a digital data bit stream ready for
clock and data recovery. The receiver can reliably detect data
from a 100Base-TX compliant transmitter that has been
passed through 0-100 meters of 100 Ohm category 5 UTP or
150 Ohm STP. The 100 Mbps receiver consists of a level
shifter, low pass filter, adaptive equalizer, peak detector,
comparator, baseline wander correction circuit, and MLT-3
decoder. A block diagram of the receiver is shown in Figure
3.
The TP receiver inputs are assumed to be transformer
coupled and terminated by external resistors. The TP inputs
are then level shifted and pass through a 2nd order low pass
filter designed to eliminate any high frequency noise on the
input. The signal then goes to an adaptive equalizer. The
adaptive equalizer consists of a programmable bandpass filter
and peak detector. The adaptive equalizer uses the bandpass
filter
characteristic
to
compensate
for
the
low
pass
characteristics of the cable, and it uses the peak detector to
capture the peak value of the input waveform. It then uses the
peak value as a measure of cable length to adjust the pole and
zero placement of the bandpass filter. The bandpass filter is
digitally programmable and has a 5 bit digital input, called the
equalizer setting, that adjusts the frequency response to one of
32 settings. The peak detector captures the peak voltage of
the TP inputs, qualifies the input, and digitizes the qualified
value to a 5 bit digital result. This digital result, called the
equalizer setting, is used to adjust the programmable bandpass
filter characteristic. The peak detector qualifies the incoming
data stream by only allowing single and double baud wide
pulses to update the equalizer setting. If the digitized peak
value of any single or double baud wide pulse deviates from
the current equalizer setting in the same direction for more
than
16
consecutive
pulses,
the
equalizer
setting
is
incremented by one digital step only, independent of how
much the new setting and current setting differ. The equalizer
updating is only enabled when the receiver is in the unsquelch
state (valid data detected by the TP squelch circuit).
The
baseline wander correction circuit restores the DC component
of the input waveform that was removed by external
transformers by subtracting the filtered output of the data
comparator from the filtered output of the equalizer and
adding this difference back into the input of VT6103. The
baseline wander correction circuit is only enabled when the
descrambler is in the synchronized state. The comparators are
used to qualify and slice the data. There are two types of
receive comparators:
squelch and data.
The squelch
comparator compares the signal and the output of the LPF
before the equalizer against a fixed threshold. The output of
the squelch comparator is used by the squelch circuit and link
integrity blocks to qualify the data.
The data comparators
compare the signal at the output of the equalizer against fixed
positive and negative thresholds. The MLT-3 decoder takes
the three level MLT-3 encoded output data from the
comparators and converts it to normal NRZ data to be used for
clock and data recovery.
Receiver - 10 Mbps
The 10 Mbps receiver is able to detect input signals from the
twisted pair cable that are within the template shown in
IEEE802.3. The inputs are biased by internal resistors. The
TP inputs pass through a low pass filter designed to eliminate
any high frequency noise on the input.
The output of the
receive filter goes to two different types of comparators:
squelch and zero crossing.
The squelch comparator
determines whether the signal is valid and the zero crossing
comparator is used to sense the actual data transitions once the
signal is determined to be valid. The output of the squelch
comparator goes to the squelch circuit and is also used for link
pulse detection, SOI detection, and reverse polarity detection.
The output of the zero crossing comparator is used for clock
and data recovery in the Manchester decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com