Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8232 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8232 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Type 8232
3 | 17
Visit product website 
1.
General technical data
Note:
The chlorine sensor Type 8232 is available in four models.
Sensor model
Free chlorine sensor
“Trace” (zero-chlorine)
Free chlorine sensor
with 3  electrodes
Free chlorine sensor
with 2  electrodes
Total chlorine sensor
with 3  electrodes
Product properties
Material
Detailed information on
the materials can be
found in chapter
“Free chlorine sensor
“Trace” (zero-chlorine)
with membrane cap
M48.2” on page 8.
“Free chlorine sensor
with 3 electrodes with
membrane cap M48.4”
on page 8.
“Free chlorine sensor
with 2 electrodes with
membrane cap M20.2”
on page 9.
“Total chlorine sensor
with 3 electrodes with
membrane cap M48.4”
on page 9.
Non wetted parts
Ring
PETP
PETP
PETP
PETP
Fixed connector
PA
PA
PA
PA
Wetted parts
Sensor armature
PVC-U
PVC-U
PVC-U
PVC-U
Electrode holder
PEEK
PEEK
PEEK
PEEK
Electrode
Stainless steel 1.4571,
silver/Silver Halide, gold
Stainless steel 1.4571,
silver/Silver Halide, gold
Silver/Silver Halide, gold Stainless steel 1.4571,
silver/Silver Halide, gold
Membrane
Microporous hydrophilic Microporous hydrophilic Semi permeable hydro-
phobic
Microporous hydrophilic
Seal
NBR
NBR
NBR
NBR
Other
PVC-U, stainless steel
1.4571, PEEK
PVC-U, stainless steel
1.4571
PVC-U, ABS
PVC-U, stainless steel
1.4571
Application
For monitoring absence
of chlorine in reverse
osmosis systems1.)
(zero-chlorine)
For monitoring free chlo-
rine at fluctuating pH in
eg. drinking water
For monitoring free
chlorine at constant pH
in eg. swimming pool
For monitoring total
chlorine at fluctuating
pH in eg. swimming
pool, drinking water, sea
water, brine (15 % NaCl)
Compatibility
With probe holder Type 8200 variant analytical measuring chamber
Detailed information can be found in the data sheet of the armatures for analytical probe, see data sheet
Type 8200 .
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 10.
Weight
Approx. 125 g
Measuring principle
Membrane covered, am-
perometric potentiostatic
3-electrode system
with electronic inside
(completely galvanically
isolated, digital internal
data processing)
Membrane covered -
amperometric poten-
tiostatic 3 electrodes
system with electronic
inside
Membrane covered
- amperometric 2
electrodes system with
electronic inside
Membrane covered -
amperometric poten-
tiostatic 3 electrodes
system with electronic
inside
Temperature compen-
sation
Automatic (integrated temperature sensor)
Sudden temperature changes must be avoided.
Measured quantity
Free chlorine
Free chlorine, reduced
pH dependency
Free chlorine, pH-de-
pendent
Total chlorine (= free
chlorine + bound
chlorine), reduced pH
dependency
Electrolyte
EMST1 gel
ECS2.1 gel
ECL1
ECP1.4 gel
Measuring range
0.005…2 ppm
0.05…20 ppm
0.05…20 ppm
• 0.05…5 ppm
• 0.05…20 ppm
Zero point adjustment
Not necessary
Not necessary
Not necessary
Not necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com