Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8232 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Type 8232
6 | 17
Visit product website 
Sensor model
Free chlorine sensor
“Trace” (zero-chlorine)
Free chlorine sensor
with 3  electrodes
Free chlorine sensor
with 2  electrodes
Total chlorine sensor
with 3  electrodes
Output
Voltage (4-wire):
• Analog signal
• 0…2000 mV (max.
2500 mV)
• Galvanically insu-
lated, that means
potential-free
• Output resistance:
1 kΩ
Current (2-wire):
• Analog signal
• 4…20 mA (uncalibrat-
ed, at pH 7.2 nominal
slope 0.8 mA/ppm)
• Not galvanically
insulated4.)
• Max. loop impedance
(valid with Type 8619
multiCELL3.)): 50 Ω
at 12 V DC, 900 Ω at
30 V DC
Current (2-wire):
• Analog signal
• 4…20 mA (uncalibrat-
ed, at pH 7.2 nominal
slope 0.8 mA/ppm)
• Not galvanically
insulated4.)
• Max. loop impedance
(valid with Type 8619
multiCELL3.)): 50 Ω
at 12 V DC, 900 Ω at
30 V DC
Current (2-wire):
• Analog signal
• 4…20 mA (uncalibrat-
ed, at pH 7.2 nominal
slope 3.2 mA/ppm for
variant 0.05…5 ppm
or 0.8 mA/
ppm for variant
0.05…20 ppm)
• Not galvanically
insulated4.)
• Max. loop impedance
(valid with Type 8619
multiCELL-): 50 Ω at
12 V DC, 900 Ω at
30 V DC
Medium data
Fluid
Water with similar char-
acteristics to drinking
water
• Drinking water, swim-
ming pool water, sea
water
• Surfactants are par-
tially tolerated
• Swimming pool
water, drinking water,
service water, pro-
cess water
• Free of any sur-
factants
• With constant pH
value
• Drinking water, swim-
ming pool water, sea
water, brine (15 %
NaCl)
• Surfactants are par-
tially tolerated
Fluid flow rate
15…30 l/h mounted
in analytical measure-
ment chamber 8200,
the measuring value
depends on the flow rate
(ensure constant flow
rate)
15…30 l/h mounted
in analytical measure-
ment chamber 8200,
the measuring value
depends on the flow rate
(ensure constant flow
rate)
Detailed information
can be found in chapter
“Slope versus flow
rate” on page 11.
15…30 l/h mounted
in analytical measure-
ment chamber 8200,
the measuring value
depends on the flow rate
(ensure constant flow
rate)
Detailed information
can be found in chapter
“Slope versus flow
rate” on page 12.
15…30 l/h mounted
in analytical measure-
ment chamber 8200,
the measuring value
depends on the flow rate
(ensure constant flow
rate)
Detailed information
can be found in chapter
“Slope versus flow
rate” on page 13.
Fluid pH range
pH 6.5…pH 9
Detailed information
can be found in chapter
“Slope versus pH” on
page 10.
pH 4…pH 9
Detailed information
can be found in chapter
“Slope versus pH” on
page 11.
pH 6…pH 8 (attention to
the dissociation equili-
brum HOCl, pH has to
be constant)
Detailed information
can be found in chapter
“Slope versus pH” on
page 12.
pH 4…pH 12, reduced
dependence on pH value
Detailed information
can be found in chapter
“Slope versus pH” on
page 13.
Fluid conductivity
–
10 μS/cm…50 mS/cm
(sea water)
–
10 μS/cm…200 mS/cm
(brine water)
Fluid temperature
0…+ 40 °C
(+ 32…+ 104 °F)
0…+ 45 °C
(+ 32…+ 113 °F)
0…+ 45 °C
(+ 32…+ 113 °F)
0…+ 45 °C
(+ 32…+ 113 °F)
No ice crystals in the measuring water. If the temperature ranges given for the holder and the used sensor are different, use the
most restrictive range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com