Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8232 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Type 8232
10 | 17
Visit product website 
3.
Dimensions
Note:
Dimensions in mm, unless otherwise stated
Free chlorine sensor
with 3 electrodes
with cap M48.4
Free chlorine sensor
with 2 electrodes
with cap M20.2
Total chlorine sensor
with 3 electrodes
with cap M48.4
Ø25
Ø25
Free chlorine sensor
“Trace” (zero-chlorine)
with cap M48.2
Ø25
Ø25
4.
Performance specifications
4.1. Free chlorine sensor “Trace” (zero-chlorine) with membrane cap M48.2
Slope versus pH
HOCl dissociation curve
Chlorine sensor “Trace”
pH value
4
5
6
7
8
0
20
40
60
80
100
120
140
160
9
10
11
12
Temperature: 25 °C / Flow rate: 30 l/h
pH regulation:
pH decreaser: H
2SO4
pH increaser: NaOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com