Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8232 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Type 8232
9 | 17
Visit product website 
Free chlorine sensor with 2 electrodes with membrane cap M20.2
1
2
4
5
3
6
12
10
9
8
11
14
13
7
No. Element
Material
1
5-pin M12 circular male con-
nector
PA
2
Sensor armature
PVC-U
3
Retaining ring
PETP
4
Slide ring
PETP
5
Sealing (O-ring)
NBR
6
Sealing (O-ring)
NBR
7
Electrode holder
PEEK
8
Reference electrode
Silver/Silver Halide
9
Working electrode
Gold
10
Vent (under hose ring)
–
11
Hose ring
–
12
Membrane protection
ABS
13
Membrane
Semi permeable hydrophobic
14
Membrane cap
PVC-U
Total chlorine sensor with 3 electrodes with membrane cap M48.4
1
2
4
5
3
13
11
12
15
6
14
7
10
9
8
No. Element
Material
1
5-pin M12 circular male con-
nector
PA
2
Sensor armature
PVC-U
3
Retaining ring
PETP
4
Slide ring
PETP
5
Sealing (O-ring)
NBR
6
Counter electrode
Stainless steel 1.4571
7
Sealing (O-ring)
NBR
8
Electrode holder
PEEK
9
Reference electrode
Silver/Silver Halide
10
Working electrode
Gold
11
Vent (under hose ring)
–
12
Hose ring
–
13
Membrane holder
• Stainless steel 1.4571 for standard membrane cap
M48.4E
• PEEK for membrane cap M48.4S (sea water quality)
14
Membrane
Microporous hydrophilic
15
Membrane cap
PVC-U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com