Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 7Page - OSRAM GmbH AS7221 Datasheet HTML 8Page - OSRAM GmbH AS7221 Datasheet HTML 9Page - OSRAM GmbH AS7221 Datasheet HTML 10Page - OSRAM GmbH AS7221 Datasheet HTML 11Page - OSRAM GmbH AS7221 Datasheet HTML 12Page - OSRAM GmbH AS7221 Datasheet HTML 13Page - OSRAM GmbH AS7221 Datasheet HTML 14Page - OSRAM GmbH AS7221 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Document Feedback
AS7221
Electrical Characteristics
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 10
5
Electrical Characteristics
All limits are guaranteed with VDD = 3.3 V, VDDHV = 12 V, TAMB = 25 °C. The parameters with min
and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods. If
VDD and VDDHV are to be the same voltage, they must be sourced by the same 2.97 V to 3.6 V
supply. All voltages with respect to GND.
Figure 6:
Electrical Characteristics of AS7221
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General Operating Conditions
VDD
Low Voltage
Operating Supply
2.97
3.3
3.6
V
VDDHV
High Voltage
Operating Supply
VDD
12
15
V
TAMB
Operating
Temperature
-40
25
85
°C
IVDD
Operating Current
Excluding LED
driver current
5
mA
Internal RC Oscillator
FOSC
Internal RC
Oscillator
Frequency
15.7
16
16.3
MHz
tJITTER
(1)
Jitter
@25 °C
1.2
ns
0-10 V Output (0_10V_O pin)
ROUT_10
Resistive Load
1
IS_10
Source Current
10
mA
ISINK_10
Sink Current
-10
mA
ILEAK_HV
HV Output Leakage
Current
VIN=12 V, DAC &
PWM1 both
disabled
-1.6
-0.73
mA
CLOAD_10
Capacitive Load
100
pF
VOUT_10
(2)
Output Swing
0
10
V
AUX Input
AUXIN
AUX Input Voltage
For 100% AUX A/D
conversion
3.0
V
RIN_AUX
Analog Input
Resistance
168
240
312
0-10 V Input
RIN_HV
Analog Input
Resistance
VDDHV ≥ 12 V
138
200
315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com